Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

592D157X_010D2_15H Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 592D157X_010D2_15H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D157X_010D2_15H Datasheet(HTML) 6 Page - Vishay Siliconix

  592D157X_010D2_15H Datasheet HTML 1Page - Vishay Siliconix 592D157X_010D2_15H Datasheet HTML 2Page - Vishay Siliconix 592D157X_010D2_15H Datasheet HTML 3Page - Vishay Siliconix 592D157X_010D2_15H Datasheet HTML 4Page - Vishay Siliconix 592D157X_010D2_15H Datasheet HTML 5Page - Vishay Siliconix 592D157X_010D2_15H Datasheet HTML 6Page - Vishay Siliconix 592D157X_010D2_15H Datasheet HTML 7Page - Vishay Siliconix 592D157X_010D2_15H Datasheet HTML 8Page - Vishay Siliconix 592D157X_010D2_15H Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
592D
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Low Profile,
Conformal Coated, Maximum CV
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40004
94
Revision: 22-Aug-08
Note: * Preliminary values contact factory for availability. For 10 % tolerance, specify “9”; for 20 % tolerance, change to “0”.
STANDARD/EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz (%)
MAX. ESR
AT + 25 °C
100 kHz (
Ω)
MAX. RIPPLE
100 kHz
Irms (A)
16 WVDC AT + 85 °C, SURGE = 20 V . . . 10 WVDC AT + 125 °C, SURGE = 12 V
68
D
592D686X_016D2_20H
10.9
6
0.17
0.91
100
C
592D107X_016C2_20H
16
8
0.15
0.85
100
D
592D107X_016D2_15H
16
8
0.15
0.97
100
C
592D107X_016C2_20H
16
8
0.15
0.97
100
D
592D107X_016D2_20H
16
8
0.15
0.97
150
D
592D157X_016D2_20H
24
8
0.10
1.18
150
R
592D157X_016R2_20H
24
8
0.10
1.32
220
R
592D227X_016R2_20H
35.2
9
0.12
1.30
20 WVDC AT + 85 °C, SURGE = 26 V . . . 13 WVDC AT + 125 °C, SURGE = 16 V
4.7
A
592D475X_020A2_15H
0.9
6
3.80
0.13
4.7
B
592D475X_020B2_15H
0.9
6
3.20
0.16
6.8
B
592D685X_020B2_15H
1.4
6
3.10
0.16
6.8
C
592D685X_020C2_15H
1.4
6
1.10
0.30
10
B
592D106X_020B2_15H
2.0
6
3.00
0.16
10
D
592D106X_020D2_15H
2.0
6
0.50
0.48
15
C
592D156X_020C2_15H
3.0
6
0.60
0.42
15
R
592D156X_020R2_15H
3.0
6
0.40
0.65
22
B
592D226X_020B2_20H
4.4
6
0.60
0.37
22*
C*
592D226X_020C2_20H*
4.4*
6*
0.30*
0.61*
22
D
592D226X_020D2_15H
4.4
6
0.40
0.56
22
R
592D226X_020R2_15H
4.4
6
0.28
0.73
33*
D*
592D336X_020D2_20H*
6.6*
6*
0.26*
0.73*
33
R
592D336X_020R2_15H
6.6
6
0.28
0.73
25 WVDC AT + 85 °C, SURGE = 33 V . . . 17 WVDC AT + 125 °C, SURGE = 20 V
2.2
A
592D225X_025A2_15H
0.6
6
8.00
0.09
2.2
B
592D225X_025B2_15H
0.6
6
6.00
0.12
3.3
B
592D335X_025B2_15H
0.8
6
5.60
0.12
3.3
C
592D335X_025C2_15H
0.8
6
2.00
0.22
4.7
C
592D475X_025C2_15H
1.2
6
1.60
0.25
6.8
C
592D685X_025C2_15H
1.7
6
1.30
0.26
6.8
D
592D685X_025D2_15H
1.7
6
1.30
0.31
10
B
592D106X_025B2_15H
2.5
6
2.00
0.29
10
D
592D106X_025D2_15H
2.5
6
1.20
0.32
10
R
592D106X_025R2_15H
2.5
6
0.48
0.56
15
R
592D156X_025R2_15H
3.8
6
0.40
0.61
15*
C*
592D156X_025C2_20H*
3.8*
6*
0.40*
0.52*
22*
C*
592D226X_025C2_20H*
5.5*
6*
0.30*
0.68*
22*
D*
592D226X_025D2_20H*
5.5*
6*
0.30*
0.68*
68
R
592D686X_025R2_20H
17
8
0.23
0.812
35 WVDC AT + 85 °C, SURGE = 46 V . . . 23 WVDC AT + 125 °C, SURGE = 28 V
1.0
A
592D105X_035A2_15H
0.5
4
10.0
0.08
1.0
B
592D105X_035B2_15H
0.5
4
6.50
0.11
1.5
B
592D155X_035B2_15H
0.5
4
4.2
0.14
2.2*
B*
592D225X_035B2_15H*
0.8*
6*
6.00*
0.12*
2.2
C
592D225X_035C2_15H
0.8
6
3.50
0.17
3.3
C
592D335X_035C2_15H
1.2
6
3.20
0.18
3.3
D
592D335X_035D2_15H
1.2
6
2.10
0.24
4.7
B
592D475X_035B2_15H
1.6
6
1.60
0.23
4.7
C
592D475X_035C2_15H
1.6
6
2.60
0.20
4.7
C
592D475X_035C2_15H
1.6
6
2.80
0.18
4.7
D
592D475X_035D2_15H
1.6
6
1.80
0.24
4.7
R
592D475X_035R2_15H
1.6
6
1.30
0.34
6.8
D
592D685X_035D2_15H
2.4
6
1.30
0.31
6.8
R
592D685X_035R2_15H
2.4
6
1.20
0.35
10
R
592D106X_035R2_15H
3.5
6
1.20
0.35
50 WVDC AT + 85 °C, SURGE = 65 V . . . 33 WVDC AT + 125 °C, SURGE = 38 V
10
R
592D106X_050R2_20H
5.0
6
0.70
0.50


Similar Part No. - 592D157X_010D2_15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D157X-010D2-15H VISHAY-592D157X-010D2-15H Datasheet
201Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision 20-Oct-04
More results

Similar Description - 592D157X_010D2_15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_08 Datasheet
120Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Revision: 18-Jan-08
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
572D107X06R3S2T VISHAY-572D107X06R3S2T Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com