Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFCD1505 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VFCD1505
Description  Z-Foil Surface Mount Flip Chip Voltage Divider TCR Tracking of 0.1 ppm/째C,
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VFCD1505 Datasheet(HTML) 1 Page - Vishay Siliconix

  VFCD1505 Datasheet HTML 1Page - Vishay Siliconix VFCD1505 Datasheet HTML 2Page - Vishay Siliconix VFCD1505 Datasheet HTML 3Page - Vishay Siliconix VFCD1505 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 63109
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 30-Oct-08
1
VFCD1505 (Z-Foil Technology)
Vishay Foil Resistors
Z-Foil Surface Mount Flip Chip Voltage Divider
TCR Tracking of 0.1 ppm/°C, Absolute TCR ± 0.05 ppm/°C,
with Resistance Ratio Stability of 0.005 % (50 ppm)
INTRODUCTION
Bulk Metal® Z-foil (BMZF) technology out-performs all other
resistor technologies available today for applications that
require ultra high precision and ultra high stability.
The new Z-foil technology provides a significant reduction of
the resistive element’s sensitivity to changes of temperature
due to ambient temperature variations (TCR) and to self
heating when power is applied (power coefficient).
Model VFCD1505 offers low TCR (both absolute and
tracking),
excellent
load
life stability,
tight
tolerance,
excellent ratio stability, low thermal EMF and low current
noise, all in one package. 0.05 ppm/°C absolute TCR
removes errors due to temperature gradients.
The VFCD1505 surface mount divider provides tight
tolerance matching and TCR tracking between 2 resistors
simultaneously etched on one piece of foil on a common
substrate. The electrical specifications of this integrated
construction offers improved performances and better real
estate utilization over discrete resistors and matched pairs.
Our application engineering department is available to
advise and make recommendations for non-standard
technical requirements and special applications, please
contact us.
FEATURES
• Temperature coefficient of resistance (TCR):
absolute: (table 1)
± 0.05 ppm/°C (typical 0 °C to + 60 °C)
± 0.2 ppm/°C (typical - 55 °C to + 125 °C,
+ 25 °C ref.)
Tracking: (table 1)
0.1 ppm/°C typical
• Resistance range: 1K to 10K
• Vishay Foil resistors are not restricted to standard values/
ratios, we can supply specific “as required” values/ratios at
no extra cost or delivery (e.g 2K234/5K456)
• Power coefficient tracking: ”ΔR due to self heating”
5 ppm at rated power
• Short time overload: ± 0.005 %
• Tolerance: absolute and resistance ratio: to 0.01 %
• Load life stability (0.1 W at 70 °C, 2000 h)
Absolute: 0.01 %
Ratio: 0.005 %
• Electrostatic discharge (ESD) up to 25 000 V
• Power rating at 70 °C: entire package: 0.1 W, divided
between the two resistors proportionally to their value
• Non-inductive, non-capacitive design
• Thermal EMF: 0.05 µV/°C typical
• Current noise: < - 40 dB
• Rise time: 1 ns effectively no ringing
• Non inductive: < 0.08 µH
• Voltage coefficient: < 0.1 ppm/V
• Non hot spot design
• Terminal finishes available: lead (Pb)-free
tin/lead alloy
• For better performances please contact us
APPLICATIONS
• Instrumentation amplifiers
• Bridge networks
• Differential amplifiers
• Ratio arms in bridge circuits
• Medical and test equipment
• Military
• Airborne etc.
* Pb containing terminations are not RoHS compliant, exemptions may apply
FIGURE 1 - POWER DERATING CURVE
FIGURE 2 -SCHEMATIC
Bottom View
100
75
50
25
0
- 75
- 50
- 25
0
+ 25 + 50
+ 75 + 100 + 125 + 150 + 175
Ambient Temperature (°C)
+ 70 °C
- 55 °C
R1
R2
Available
Pb-free
RoHS*
COMPLIANT
R1
R2
Vin
Vout
-
+
VFCD1505


Similar Part No. - VFCD1505

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
VFC-S-1000 SYNERGY-VFC-S-1000 Datasheet
162Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
VFC-S-200 SYNERGY-VFC-S-200 Datasheet
162Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
VFC-S-250 SYNERGY-VFC-S-250 Datasheet
162Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
VFC-S-400 SYNERGY-VFC-S-400 Datasheet
162Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
VFC-S-500 SYNERGY-VFC-S-500 Datasheet
162Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
More results

Similar Description - VFCD1505

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFB1012D VISHAY-VFB1012D Datasheet
137Kb / 5P
   Ultra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/°C TCR Tracking,
Revision: 18-Apr-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
300190Z VISHAY-300190Z Datasheet
148Kb / 6P
   Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
Revision: 08-Aug-06
VCS1610 VISHAY-VCS1610 Datasheet
141Kb / 4P
   High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C,
Revision: 23-Jul-08
logo
Vaishali Semiconductor
VHD200 VAISH-VHD200 Datasheet
130Kb / 5P
   Bulk Metal짰 Foil Hermetically sealed, Small Package, Voltage Dividers with TCR Tracking of 0.1 ppm/째C and Tolerance Match down to 0.001 %
logo
Vishay Siliconix
VCS1625Z VISHAY-VCS1625Z Datasheet
122Kb / 4P
   Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
Revision: 25-Feb-08
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
VPR220S VISHAY-VPR220S_08 Datasheet
133Kb / 5P
   Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 짹 2 ppm/째C,
Revision: 29-Feb-08
300144Z VISHAY-300144Z Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
VCS1625 VISHAY-VCS1625 Datasheet
119Kb / 4P
   High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C and Load Life Stability of 짹 0.02 %
Revision: 19-Feb-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com