Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP431VA Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP431VA
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP431VA Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP431VA Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431VA Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431VA Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431VA Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431VA Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431VA Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431VA Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431VA Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431VA Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ADJUSTABLE PRECISION SHUNT REGULATOR
2007-1-24
2/15
FSP431
EQUIVALENT SCHEMATIC
Note: All component values are nominal.
ABSOLUTE MAXIMUM RATINGS
(NOTE 1)
Parameter
Rating
Unit
Cathode Voltage, VKA (Note 2)
37
V
Continuous Cathode Current Range, IKA
-100 to 150
mA
Reference Input Current Range
-50µA to 10mA
Operating Temperature
0 to 70
°C
Storage Temperature
-65 to 150
°C
Note 1: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maximum Ratings’
may cause substantial damage to the device. Functional operation of this device at other conditions beyond
those listed in specifications is not implied and prolonged exposure to extreme conditions may affect device
reliability.
Note 2: Voltage values are with respect to the anode terminal unless otherwise noted.
RECOMMENDED OPERATING CONDITIONS
Parameter
Rating
Unit
Cathode Voltage, VKA
Vref to 36
V
Cathode Current, IKA
1 to 100
mA
Operating Temperature, TA
0 to 70
°C


Similar Part No. - FSP431VA

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP40-ZZAP070M FSP-FSP40-ZZAP070M Datasheet
75Kb / 1P
   High Efficiency & Long Life
FSP40-ZZAP070MG FSP-FSP40-ZZAP070MG Datasheet
80Kb / 1P
   High Efficiency & Long Life
FSP40-ZZAP1035VG FSP-FSP40-ZZAP1035VG Datasheet
159Kb / 1P
   High Efficiency & Long Life
FSP40-ZZAP1070VG FSP-FSP40-ZZAP1070VG Datasheet
160Kb / 1P
   High Efficiency & Long Life
FSP40-ZZAP1105VG FSP-FSP40-ZZAP1105VG Datasheet
159Kb / 1P
   High Efficiency & Long Life
More results

Similar Description - FSP431VA

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com