Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP431CA Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP431CA
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP431CA Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP431CA Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431CA Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431CA Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431CA Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431CA Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431CA Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431CA Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431CA Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431CA Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ADJUSTABLE PRECISION SHUNT REGULATOR
2007-1-24
3/15
FSP431
ELECTRICAL CHARACTERISTICS
(TA=25°C, Unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage
VREF
VKA = VREF, IKA =10mA
2.47
2.495
2.52
V
Deviation of reference voltage
over full temperature range
(see Figure 1)
VI(dev)
VKA = VREF, IKA =10mA
TA= full range
4
25
mV
∆VKA =10V- VREF
-4.7
-2.7
Ratio of change in reference
voltage to the change in cathode
voltage
∆VREF/∆VKA
IKA =10mA
∆VKA =36V- 10V
-1
-2
mV/V
Reference Current
IREF
IKA =10mA, R1=10kΩ, R2=∞
2
4
µA
Deviation of reference current
over full temperature range
(see Figure 1)
II(dev)
IKA =10mA, R1=10kΩ, R2=∞
TA= full range
0.8
1.2
µA
Minimum Cathode Current for
regulation
IMIN
VKA = VREF
0.4
0.6
mA
Off-state Cathode Current
IOFF
VKA =36V, VREF =0
0.1
0.5
mA
Dynamic Impedance
(see Figure 1)
ZKA
IKA =1mA to 100Ma, VKA = VREF
f≤1kHz
0.2
0.5
The deviation parameters Vref(dev) and Iref(dev) are defined as the differences between the maximum and minimum
values obtained over the recommended temperature range. The average full-range temperature coefficient of the
reference voltage, Vref, is defined as:
Where :
∆TA is the recommended operating free-air temperature range of the device.
α
Vref can be positive or negative, depending on whether minimum Vref or maximum Vref, respectively , occurs at
the lower temperature.
Example : maximum Vref=2.496V at 30°C, minimum Vref =2.492V at 0°C, Vref=2.495V at 25°C,
Because minimum Vref occurs at the lower temperature, the coefficient is positive.
Calculating Dynamic Impedance
The dynamic impedance is defined as:
When the device is operating with two external resistors, the total dynamic impedance of the circuit is given by:
Figure 1: Calculating Deviation Parameters and Dynamic Impedance


Similar Part No. - FSP431CA

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP40-ZZAP070M FSP-FSP40-ZZAP070M Datasheet
75Kb / 1P
   High Efficiency & Long Life
FSP40-ZZAP070MG FSP-FSP40-ZZAP070MG Datasheet
80Kb / 1P
   High Efficiency & Long Life
FSP40-ZZAP1035VG FSP-FSP40-ZZAP1035VG Datasheet
159Kb / 1P
   High Efficiency & Long Life
FSP40-ZZAP1070VG FSP-FSP40-ZZAP1070VG Datasheet
160Kb / 1P
   High Efficiency & Long Life
FSP40-ZZAP1105VG FSP-FSP40-ZZAP1105VG Datasheet
159Kb / 1P
   High Efficiency & Long Life
More results

Similar Description - FSP431CA

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com