Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL205738331E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL205738331E3
Description  Aluminum Capacitors Power Standard Miniature Snap-In
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205738331E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MAL205738331E3 Datasheet HTML 2Page - Vishay Siliconix MAL205738331E3 Datasheet HTML 3Page - Vishay Siliconix MAL205738331E3 Datasheet HTML 4Page - Vishay Siliconix MAL205738331E3 Datasheet HTML 5Page - Vishay Siliconix MAL205738331E3 Datasheet HTML 6Page - Vishay Siliconix MAL205738331E3 Datasheet HTML 7Page - Vishay Siliconix MAL205738331E3 Datasheet HTML 8Page - Vishay Siliconix MAL205738331E3 Datasheet HTML 9Page - Vishay Siliconix MAL205738331E3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
056/057 PSM-SI
Vishay BCcomponents
Aluminum Capacitors
Power Standard Miniature Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28340
6
Revision: 18-Aug-08
Table 3
ELECTRICAL DATA AND ORDERING INFORMATION FOR 057 SERIES
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IL1
1 min
(µA)
IL5
5 min
(µA)
ESR
100 Hz
(m
Ω)
Z
10 kHz
(m
Ω)
ORDERING CODE
MAL2057.......
2-TERM.
3-TERM.
200
150
22 x 25
0.77
184
64
950
620
52151E3
72151E3
220
22 x 30
1.00
268
92
650
435
52221E3
72221E3
330
25 x 30
1.36
400
136
430
310
52331E3
72331E3
330
22 x 40
1.36
400
136
430
310
42331E3
22331E3
470
30 x 30
1.80
568
192
310
230
52471E3
72471E3
470
25 x 40
1.80
568
192
310
230
42471E3
22471E3
680
30 x 40
2.39
820
276
210
180
52681E3
72681E3
680
25 x 50
2.39
820
276
210
180
42681E3
22681E3
1000
35 x 40
2.85
1204
404
160
135
52102E3
72102E3
1000
30 x 50
2.85
1204
404
160
135
42102E3
22102E3
1500
35 x 50
3.66
1804
604
120
105
52152E3
72152E3
250
100
22 x 25
0.63
154
54
1440
770
53101E3
73101E3
150
22 x 30
0.83
229
79
960
520
53151E3
73151E3
220
25 x 30
1.10
334
114
660
365
53221E3
73221E3
220
22 x 40
1.10
334
114
660
365
43221E3
23221E3
330
30 x 30
1.49
499
169
440
265
53331E3
73331E3
330
25 x 40
1.49
499
169
440
265
43331E3
23331E3
470
30 x 40
1.98
709
239
310
185
53471E3
73471E3
470
25 x 50
1.98
709
239
310
185
43471E3
23471E3
680
35 x 40
2.60
1024
344
240
145
53681E3
73681E3
680
30 x 50
2.60
1024
344
240
145
43681E3
23681E3
1000
35 x 50
3.12
1504
504
160
105
53102E3
73102E3
385
47
22 x 25
0.50
112
40
3000
1400
58479E3
78479E3
68
22 x 30
0.63
161
56
2100
1000
58689E3
68689E3
100
25 x 30
0.86
235
81
1400
780
58101E3
78101E3
100
22 x 40
0.86
235
81
1400
780
48101E3
68101E3
100
22 x 35
0.84
235
81
1400
780
38101E3
88101E3
150
30 x 30
1.16
350
119
950
520
58151E3
78151E3
150
25 x 40
1.16
350
119
950
520
48151E3
68151E3
220
30 x 40
1.57
512
173
650
400
58221E3
78221E3
220
30 x 35
1.50
512
173
650
400
38221E3
90051E3
220
25 x 50
1.57
512
173
650
400
48221E3
68221E3
330
35 x 35
1.73
766
258
480
280
68331E3
88331E3
330
30 x 45
1.75
766
258
480
280
38331E3
78331E3
470
35 x 50
2.40
1089
366
340
220
58471E3
78471E3
470
35 x 45
2.29
1089
366
340
220
48471E3
28471E3
400
47
22 x 25
0.50
117
42
3000
1400
56479E3
76479E3
68
22 x 30
0.63
167
58
2100
1000
56689E3
76689E3
100
25 x 30
0.86
244
84
1400
780
56101E3
76101E3
100
22 x 35
0.84
240
84
1400
780
36101E3
66101E3
150
30 x 30
1.16
364
124
950
520
56151E3
90054E3
150
25 x 40
1.16
364
124
950
520
46151E3
86151E3
220
30 x 35
1.50
532
180
650
400
36221E3
90055E3
220
25 x 50
1.57
532
180
650
400
46221E3
86221E3
330
35 x 40
1.85
796
268
480
280
56331E3
76331E3
330
30 x 50
1.85
796
268
480
280
46331E3
26331E3
470
35 x 50
2.40
1132
380
340
220
56471E3
76471E3
450
47
22 x 30
0.26
131
45
5600
4400
67479E3
87479E3
68
22 x 30
0.33
188
65
3900
3100
57689E3
77689E3
100
30 x 30
0.48
274
94
2600
2100
57101E3
77101E3
100
25 x 35
0.46
274
94
2600
2100
37101E3
17101E3
150
30 x 35
0.66
409
140
1600
1300
37151E3
17151E3
150
25 x 50
0.70
409
140
1600
1300
47151E3
27151E3
220
35 x 40
0.92
598
202
1100
900
57221E3
77221E3
220
30 x 45
0.73
598
202
1100
900
37221E3
17221E3
330
35 x 50
1.26
895
301
700
600
57331E3
77331E3
330
35 x 45
1.20
895
301
700
600
47331E3
27331E3


Similar Part No. - MAL205738331E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205014103E3 VISHAY-MAL205014103E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014153E3 VISHAY-MAL205014153E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014223E3 VISHAY-MAL205014223E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014333E3 VISHAY-MAL205014333E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014472E3 VISHAY-MAL205014472E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results

Similar Description - MAL205738331E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
056PSM-SI VISHAY-056PSM-SI Datasheet
141Kb / 11P
   Aluminum Capacitors Power Standard Miniature Snap-In
Revision: 09-Mar-12
056PSM VISHAY-056PSM Datasheet
149Kb / 11P
   Aluminum Capacitors Power Standard Miniature Snap-in
Revision: 25-Mar-07
logo
List of Unclassifed Man...
056PSM-SI ETC2-056PSM-SI Datasheet
999Kb / 20P
   Aluminum electrolytic capacitors Power Standard Miniature Snap-in
logo
Vishay Siliconix
056PSM-SI VISHAY-056PSM-SI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Standard Miniature Snap-In
01-Jan-2023
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
257PRM-SI VISHAY-257PRM-SI_V01 Datasheet
124Kb / 10P
   Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com