Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHFR9020T-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIHFR9020T-E3
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHFR9020T-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIHFR9020T-E3 Datasheet HTML 1Page - Vishay Siliconix SIHFR9020T-E3 Datasheet HTML 2Page - Vishay Siliconix SIHFR9020T-E3 Datasheet HTML 3Page - Vishay Siliconix SIHFR9020T-E3 Datasheet HTML 4Page - Vishay Siliconix SIHFR9020T-E3 Datasheet HTML 5Page - Vishay Siliconix SIHFR9020T-E3 Datasheet HTML 6Page - Vishay Siliconix SIHFR9020T-E3 Datasheet HTML 7Page - Vishay Siliconix SIHFR9020T-E3 Datasheet HTML 8Page - Vishay Siliconix SIHFR9020T-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 90350
www.vishay.com
S-Pending-Rev. A, 10-Jun-08
WORK-IN-PROGRESS
1
Power MOSFET
IRFR9020, IRFU9020, SiHFR9020, SiHFU9020
Vishay Siliconix
FEATURES
• Surface Mountable (Order As IRFR9020/SiHFR9020)
• Straight Lead Option (Order As IRFU9020/SiHFU9020)
• Repetitive Avalanche Ratings
• Dynamic dV/dt Rating
• Simple Drive Requirements
• Ease of Paralleling
• Lead (Pb)-free Available
DESCRIPTION
The Power MOSFET technology is the key to Vishay’s
advanced line of Power MOSFET transistors. The efficient
geometry and unique processing of this latest “State of the
Art” design achieves: very low on-state resistance combined
with high transconductance; superior reverse energy and
diode recovery dV/dt.
The Power MOSFET transistors also feature all of the well
established advantages of MOSFET’S such as voltage
control, very fast switching, ease of paralleling and
temperature stability of the electrical parameters.
Surface mount packages enhance circuit performance by
reducing stray inductances and capacitance. The TO-252
surface mount package brings the advantages of Power
MOSFET’s to high volume applications where PC Board
surface mounting is desirable. The surface mount option
IRFR9020/SiHFR9020 is provided on 16mm tape. The
straight lead option IRFR9020/SiHFR9020 of the device is
called the IPAK (TO-251).
They are well suited for applications where limited heat
dissipation is required such as, computers and peripherals,
telecommunication equipment, DC/DC converters, and a
wide range of consumer products.
Note
a. See device orientation.
PRODUCT SUMMARY
VDS (V)
- 50
RDS(on) (Ω)VGS = - 10 V
0.28
Qg (Max.) (nC)
14
Qgs (nC)
6.5
Qgd (nC)
6.5
Configuration
Single
S
G
D
P-Channel MOSFET
DPAK
(TO-252)
IPAK
(TO-251)
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
DPAK (TO-252)
DPAK (TO-252)
DPAK (TO-252)
IPAK (TO-251)
Lead (Pb)-free
IRFR9020PbF
IRFR9020TRPbFa
IRFR9020TRLPbFa
IRFU9020PbF
SiHFR9020-E3
SiHFR9020T-E3a
SiHFR9020TL-E3a
SiHFU9020-E3
SnPb
IRFR9020
IRFR9020TRa
IRFR9020TRLa
IRFU9020
SiHFR9020
SiHFR9020Ta
SiHFR9020TLa
SiHFU9020
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
- 50
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at - 10 V
TC = 25 °C
ID
- 9.9
A
TC = 100 °C
- 6.3
Pulsed Drain Currenta
IDM
- 40
Linear Derating Factor
0.33
W/°C
Single Pulse Avalanche Energyb
EAS
440
mJ
Repetitive Avalanche Currenta
IAR
- 9.9
A
Repetitive Avalanche Energya
EAR
4.2
mJ
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - SIHFR9020T-E3

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
SIHFR9020T-E3A KERSEMI-SIHFR9020T-E3A Datasheet
3Mb / 8P
   Power MOSFET
More results

Similar Description - SIHFR9020T-E3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com