Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHFU420A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIHFU420A
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHFU420A Datasheet(HTML) 2 Page - Vishay Siliconix

  SIHFU420A Datasheet HTML 1Page - Vishay Siliconix SIHFU420A Datasheet HTML 2Page - Vishay Siliconix SIHFU420A Datasheet HTML 3Page - Vishay Siliconix SIHFU420A Datasheet HTML 4Page - Vishay Siliconix SIHFU420A Datasheet HTML 5Page - Vishay Siliconix SIHFU420A Datasheet HTML 6Page - Vishay Siliconix SIHFU420A Datasheet HTML 7Page - Vishay Siliconix SIHFU420A Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
Document Number: 91274
2
S-Pending-Rev. A, 21-Jul-08
IRFR420A, IRFU420A, SiHFR420A,
Vishay Siliconix
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 µs; duty cycle ≤ 2 %.
c. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80 % VDS.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-62
°C/W
Case-to-Sink, Flat, Greased Surface
RthCS
0.50
-
Maximum Junction-to-Case (Drain)
RthJC
-1.5
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
500
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.60
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2.0
-
4.5
V
Gate-Source Leakage
IGSS
VGS = ± 30 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 500 V, VGS = 0 V
-
-
25
µA
VDS = 400 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 1.5 Ab
--
3.0
Ω
Forward Transconductance
gfs
VDS = 50 V, ID = 1.5 A
1.4
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
340
-
pF
Output Capacitance
Coss
-53
-
Reverse Transfer Capacitance
Crss
-2.7
-
Output Capacitance
Coss
VGS = 0 V
VDS = 1.0 V, f = 1.0 MHz
-
490
-
pF
VDS = 400 V, f = 1.0 MHz
-
15
-
Effective Output Capacitance
Coss eff.
VDS = 0 V to 400 Vc
-28
-
Total Gate Charge
Qg
VGS = 10 V
ID = 2.5 A, VDS = 400 V,
see fig. 6 and 13b
--
17
nC
Gate-Source Charge
Qgs
--
4.3
Gate-Drain Charge
Qgd
--
8.5
Turn-On Delay Time
td(on)
VDD = 250 V, ID = 2.5 A,
RG = 21 Ω, RD = 97 Ω, see fig. 10b
-8.1
-
ns
Rise Time
tr
-12
-
Turn-Off Delay Time
td(off)
-16
-
Fall Time
tf
-13
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
3.3
A
Pulsed Diode Forward Currenta
ISM
--
10
Body Diode Voltage
VSD
TJ = 25 °C, IS = 2.5 A, VGS = 0 Vb
--
1.6
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 2.5 A, dI/dt = 100 A/µsb
-
330
500
ns
Body Diode Reverse Recovery Charge
Qrr
-
760
1140
µC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
S
D
G


Similar Part No. - SIHFU420A

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
SIHFU420A KERSEMI-SIHFU420A Datasheet
2Mb / 7P
   Power MOSFET
SIHFU420A KERSEMI-SIHFU420A Datasheet
2Mb / 7P
   Power MOSFET
logo
Vishay Siliconix
SIHFU420A VISHAY-SIHFU420A Datasheet
267Kb / 13P
   Power MOSFET
01-Jan-2022
logo
Kersemi Electronic Co.,...
SIHFU420A-E3 KERSEMI-SIHFU420A-E3 Datasheet
2Mb / 7P
   Power MOSFET
SIHFU420A-E3 KERSEMI-SIHFU420A-E3 Datasheet
2Mb / 7P
   Power MOSFET
More results

Similar Description - SIHFU420A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com