Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL205773471E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL205773471E3
Description  Aluminum Capacitors Power Standard Miniature Snap-In
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205773471E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL205773471E3 Datasheet HTML 1Page - Vishay Siliconix MAL205773471E3 Datasheet HTML 2Page - Vishay Siliconix MAL205773471E3 Datasheet HTML 3Page - Vishay Siliconix MAL205773471E3 Datasheet HTML 4Page - Vishay Siliconix MAL205773471E3 Datasheet HTML 5Page - Vishay Siliconix MAL205773471E3 Datasheet HTML 6Page - Vishay Siliconix MAL205773471E3 Datasheet HTML 7Page - Vishay Siliconix MAL205773471E3 Datasheet HTML 8Page - Vishay Siliconix MAL205773471E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 28340
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
5
056/057 PSM-SI
Aluminum Capacitors
Power Standard Miniature Snap-In
Vishay BCcomponents
40
2200
22 x 25
1.85
2.26
532
180
92
61
57222E3
77222E3
3300
22 x 30
2.09
2.55
796
260
67
45
57332E3
77332E3
4700
25 x 30
2.28
2.78
1132
380
82
70
57472E3
77472E3
4700
22 x 40
3.10
3.78
1132
380
49
38
47472E3
27472E3
6800
30 x 30
3.16
3.85
1636
548
53
38
57682E3
77682E3
6800
25 x 40
3.06
3.73
1636
548
58
50
47682E3
27682E3
10 000
30 x 40
4.20
5.12
2404
804
38
28
57103E3
77103E3
10 000
25 x 50
3.88
4.73
2404
804
44
39
47103E3
27103E3
15 000
35 x 40
4.05
4.94
3604
1204
49
41
57153E3
77153E3
15 000
30 x 50
4.45
5.43
3604
1204
41
34
47153E3
27153E3
22 000
35 x 50
4.86
5.93
5284
1764
40
33
57223E3
77223E3
50
1500
22 x 25
1.36
1.66
454
154
170
130
51152E3
71152E3
2200
22 x 30
1.75
2.14
664
224
120
91
51222E3
71222E3
3300
25 x 30
2.17
2.65
994
334
90
72
51332E3
71332E3
3300
22 x 40
2.42
2.95
994
334
80
63
41332E3
21332E3
4700
30 x 30
2.65
3.23
1414
474
75
63
51472E3
71472E3
4700
25 x 40
2.89
3.53
1414
474
65
52
41472E3
21472E3
6800
30 x 40
3.56
4.34
2044
684
53
45
51682E3
71682E3
6800
25 x 50
3.75
4.58
2044
684
50
43
41682E3
21682E3
10 000
35 x 40
4.05
4.94
3004
1004
49
42
51103E3
71103E3
10 000
30 x 50
4.50
5.49
3004
1004
40
35
41103E3
21103E3
15 000
35 x 50
4.98
6.08
4504
1504
39
33
51153E3
71153E3
63
1000
22 x 25
1.46
1.78
382
130
148
104
58102E3
78102E3
1500
22 x 30
1.87
2.28
571
193
105
72
58152E3
78152E3
2200
25 x 30
2.32
2.83
836
281
79
59
58222E3
78222E3
2200
22 x 40
2.54
3.10
836
281
73
53
48222E3
28222E3
3300
30 x 30
2.87
3.50
1251
420
64
50
58332E3
78332E3
3300
25 x 40
3.14
3.83
1251
420
55
44
48332E3
28332E3
4700
30 x 40
3.67
4.48
1780
596
50
38
58472E3
78472E3
4700
25 x 50
3.71
4.53
1780
596
48
38
48472E3
28472E3
6800
35 x 40
4.33
5.28
2574
861
43
38
58682E3
78682E3
6800
30 x 50
4.75
5.80
2574
861
42
37
48682E3
28682E3
10 000
35 x 50
5.26
6.42
3784
1264
35
30
58103E3
78103E3
100
470
22 x 25
0.77
0.94
286
98
535
470
59471E3
79471E3
680
22 x 30
0.99
1.21
412
160
375
328
59681E3
79681E3
1000
25 x 30
1.27
1.55
604
204
265
235
59102E3
79102E3
1000
22 x 40
1.35
1.65
604
204
260
225
49102E3
29102E3
1500
30 x 30
1.67
2.04
904
304
190
170
59152E3
79152E3
1500
25 x 40
1.75
2.14
904
304
180
160
49152E3
29152E3
2200
30 x 40
2.27
2.77
1324
444
130
120
59222E3
79222E3
2200
25 x 50
2.30
2.80
1324
444
125
110
49222E3
29222E3
3300
35 x 40
2.84
3.46
1984
664
100
95
59332E3
79332E3
3300
30 x 50
2.97
3.62
1984
664
92
85
49332E3
29332E3
4700
35 x 50
3.59
4.38
2824
677
75
70
59472E3
79472E3
ELECTRICAL DATA AND ORDERING INFORMATION FOR 056 SERIES
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85
°C
(A)
IR
≥ 10 kHz
85
°C
(A)
IL1
1 min
(µA)
IL5
5 min
(µA)
ESR
100 Hz
(m
Ω)
Z
10 kHz
(m
Ω)
ORDERING CODE
MAL2056.......
2-TERM.
3-TERM.


Similar Part No. - MAL205773471E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205014103E3 VISHAY-MAL205014103E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014153E3 VISHAY-MAL205014153E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014223E3 VISHAY-MAL205014223E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014333E3 VISHAY-MAL205014333E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014472E3 VISHAY-MAL205014472E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results

Similar Description - MAL205773471E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
056PSM-SI VISHAY-056PSM-SI Datasheet
141Kb / 11P
   Aluminum Capacitors Power Standard Miniature Snap-In
Revision: 09-Mar-12
056PSM VISHAY-056PSM Datasheet
149Kb / 11P
   Aluminum Capacitors Power Standard Miniature Snap-in
Revision: 25-Mar-07
logo
List of Unclassifed Man...
056PSM-SI ETC2-056PSM-SI Datasheet
999Kb / 20P
   Aluminum electrolytic capacitors Power Standard Miniature Snap-in
logo
Vishay Siliconix
056PSM-SI VISHAY-056PSM-SI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Standard Miniature Snap-In
01-Jan-2023
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
257PRM-SI VISHAY-257PRM-SI_V01 Datasheet
124Kb / 10P
   Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com