Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL205778331E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MAL205778331E3
Description  Aluminum Capacitors Power Standard Miniature Snap-In
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205778331E3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MAL205778331E3 Datasheet HTML 3Page - Vishay Siliconix MAL205778331E3 Datasheet HTML 4Page - Vishay Siliconix MAL205778331E3 Datasheet HTML 5Page - Vishay Siliconix MAL205778331E3 Datasheet HTML 6Page - Vishay Siliconix MAL205778331E3 Datasheet HTML 7Page - Vishay Siliconix MAL205778331E3 Datasheet HTML 8Page - Vishay Siliconix MAL205778331E3 Datasheet HTML 9Page - Vishay Siliconix MAL205778331E3 Datasheet HTML 10Page - Vishay Siliconix MAL205778331E3 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Document Number: 28340
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
7
056/057 PSM-SI
Aluminum Capacitors
Power Standard Miniature Snap-In
Vishay BCcomponents
CAPACITANCE (C)
EQUIVALENT SERIES RESISTANCE (ESR)
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
≤ 250 V versions
Us = 1.15 x UR
≥ 385 V versions
Us = 1.1 x UR
Reverse voltage
Urev ≤ 1 V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.006 CR x UR + 4 µA
After 5 minutes at UR
IL5 ≤ 0.002 CR x UR +4 µA
Inductance
Equivalent series inductance (ESL)
All case sizes
typ. 19 nH
max. 25 nH
0.6
T
amb (°C)
C
C
0
0.7
0.8
0.9
1.0
1.1
1.2
1
3
2
Curve 1: U
R = 100 V
Curve 2: U
R = 200 V
Curve 3: U
R ≥ 250 V and ≤ 40 V
C
0 = capacitance at 20 °C and 100 Hz
- 100
50
0
- 50
100
Fig.6 Typical multiplier of capacitance as a function of
ambient temperature
Curve 1: U
R = 10 V and 16 V
Curve 2: U
R = 25 V, 35 V and 40 V
Curve 3: U
R ≥ 40 V
0.6
f (Hz)
C
C
0
0.7
0.8
0.9
1.0
1.1
1
3
2
C
0 = capacitance at 20 °C and 100 Hz
10
1
10
3
10
2
10
4
Fig.7 Typical multiplier of capacitance as a
function of frequency
Curve 1: U
R ≥ 250 V
Curve 2: U
R = 200 V
Curve 3: U
R ≤ 100 V
T
amb (°C)
ESR
ESR
0
1
10
1
1
3
2
ESR
0 = typical at 20 °C and 100 Hz
- 100
50
0
- 50
150
100
1
2, 3
Fig.8 Typical multiplier of ESR as a function of
ambient temperature
Curve 1: U
R > 100 V
Curve 2: U
R ≤ 100 V
ESR
ESR
0
1.0
1
2
ESR
0 = typical at 20 °C and 100 Hz
0
f (Hz)
0.5
1.5
10
1
10
3
10
2
10
4
Fig.9 Typical multiplier of ESR as a function
of frequency


Similar Part No. - MAL205778331E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205014103E3 VISHAY-MAL205014103E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014153E3 VISHAY-MAL205014153E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014223E3 VISHAY-MAL205014223E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014333E3 VISHAY-MAL205014333E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014472E3 VISHAY-MAL205014472E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results

Similar Description - MAL205778331E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
056PSM-SI VISHAY-056PSM-SI Datasheet
141Kb / 11P
   Aluminum Capacitors Power Standard Miniature Snap-In
Revision: 09-Mar-12
056PSM VISHAY-056PSM Datasheet
149Kb / 11P
   Aluminum Capacitors Power Standard Miniature Snap-in
Revision: 25-Mar-07
logo
List of Unclassifed Man...
056PSM-SI ETC2-056PSM-SI Datasheet
999Kb / 20P
   Aluminum electrolytic capacitors Power Standard Miniature Snap-in
logo
Vishay Siliconix
056PSM-SI VISHAY-056PSM-SI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Standard Miniature Snap-In
01-Jan-2023
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
257PRM-SI VISHAY-257PRM-SI_V01 Datasheet
124Kb / 10P
   Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com