Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7460N Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7460N
Description  CAR RADIO SIGNAL PROCESSOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7460N Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7460N Datasheet HTML 1Page - STMicroelectronics TDA7460N Datasheet HTML 2Page - STMicroelectronics TDA7460N Datasheet HTML 3Page - STMicroelectronics TDA7460N Datasheet HTML 4Page - STMicroelectronics TDA7460N Datasheet HTML 5Page - STMicroelectronics TDA7460N Datasheet HTML 6Page - STMicroelectronics TDA7460N Datasheet HTML 7Page - STMicroelectronics TDA7460N Datasheet HTML 8Page - STMicroelectronics TDA7460N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
AUDIO PROCESSOR PART
Input Multiplexer
Fully differential or quasi-differential CD and
cassette stereo input
AM mono or stereo input
Phone differential or single ended input
Internal beep with 2 frequencies (selectable)
Mixable phone and beep signals
Loudness
First or second order frequency response
Programmable center frequency and quality factor
15 x 1dB steps
Selectable flat-mode (constant attenuation)
Volume control
1dB attenuator
Max. gain 20dB
Max. attenuation 79dB
Soft-step gain control
Bass Control
2nd order frequency response
Center frequency programmable in 4(5) steps
DC gain programmable
7 x 2dB steps
Treble Control
2nd order frequency response
Center frequency programmable in 4 steps
7 x 2dB steps
Speaker Control
4 independent speaker controls (1dB steps
control range 50dB)
Mute Functions
Direct mute
Digitally controlled softmute with 4 program-
mable time constants
ELECTRICAL CHARACTERISTICS (VS = 9V; Tamb =25
°C; RL = 10KΩ; all gains = 0dB; f = 1KHz;
unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
INPUT SELECTOR
Rin
Input Resistance
all inputs except Phone
70
100
130
K
VCL
Clipping Level
2.2
2.6
VRMS
SIN
Input Separation
80
100
dB
GIN MIN
Min. Input Gain
-1
0
1
dB
GIN MAX
Max. Input Gain
13
14
15
dB
GSTEP
Step Resolution
1
2
3
dB
VDC
DC Steps
Adjacent Gain Step
-5
0
+5
mV
GMIN to GMAX
-5
1
+5
mV
DIFFERENTIAL CD STEREO INPUT
Rin
Input Resistance
Differential
70
100
130
K
Common Mode
20
30
40
K
CMRR
Common Mode Rejection Ratio
VCM =1VRMS @ 1KHz
45
70
dB
VCM =1VRMS @ 10KHz
45
60
dB
eN
Output Noise @ Speaker
Output
20Hz to 20KHz flat; all stages
0dB
915
µV
DIFFERENTIAL PHONE INPUT
Rin
Input Resistance
Differential
10
15
20
K
Common Mode
20
30
40
K
CMRR
Common Mode Rejection Ratio
VCM =1VRMS @ 1KHz
45
70
dB
VCM =1VRMS @ 10KHz
45
60
dB
TDA7460N
4/31


Similar Part No. - TDA7460N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7461D STMICROELECTRONICS-TDA7461D Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N Datasheet
229Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N Datasheet
360Kb / 32P
   CAR RADIO SIGNAL PROCESSOR
TDA7461ND STMICROELECTRONICS-TDA7461ND Datasheet
229Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
More results

Similar Description - TDA7460N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
   Car radio signal processor
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
TDA7461N STMICROELECTRONICS-TDA7461N_03 Datasheet
360Kb / 32P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N Datasheet
229Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
TDA7406 STMICROELECTRONICS-TDA7406 Datasheet
987Kb / 64P
   Car radio signal processor
TDA7415CB STMICROELECTRONICS-TDA7415CB Datasheet
1Mb / 50P
   Car radio multimedia signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com