Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VF30100C Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VF30100C
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.455 V at IF = 5 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VF30100C Datasheet(HTML) 5 Page - Vishay Siliconix

  VF30100C Datasheet HTML 1Page - Vishay Siliconix VF30100C Datasheet HTML 2Page - Vishay Siliconix VF30100C Datasheet HTML 3Page - Vishay Siliconix VF30100C Datasheet HTML 4Page - Vishay Siliconix VF30100C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - VF30100C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VF30100C VISHAY-VF30100C Datasheet
165Kb / 6P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
VF30100C-E3 VISHAY-VF30100C-E3 Datasheet
152Kb / 5P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 11-Sep-13
VF30100C-E3 VISHAY-VF30100C-E3 Datasheet
178Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.455 V at IF = 5 A
Revision: 13-Dec-16
VF30100C-E3 VISHAY-VF30100C-E3 Datasheet
214Kb / 6P
   Dual High Voltage TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
VF30100C-E3/4W VISHAY-VF30100C-E3/4W Datasheet
163Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
More results

Similar Description - VF30100C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30100C-E3 VISHAY-V30100C-E3 Datasheet
178Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.455 V at IF = 5 A
Revision: 13-Dec-16
VB30100C-M3 VISHAY-VB30100C-M3 Datasheet
90Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.455 V at IF = 5 A
Revision: 03-Jan-17
VF20100R VISHAY-VF20100R_15 Datasheet
83Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A
Revision: 17-Aug-15
V40D120C-M3 VISHAY-V40D120C-M3 Datasheet
109Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.45 V at IF = 5 A
Revision: 06-Feb-15
V60M120C-M3 VISHAY-V60M120C-M3 Datasheet
129Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 5 A
Revision: 10-May-16
V40150C-E3 VISHAY-V40150C-E3 Datasheet
157Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
Revision: 13-Dec-16
V60100C-M3 VISHAY-V60100C-M3 Datasheet
136Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.36 V at IF = 5 A
Revision: 11-May-16
VT60L45PW VISHAY-VT60L45PW Datasheet
96Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.24 V at IF = 5 A
Revision: 08-Jan-14
V30M120C VISHAY-V30M120C Datasheet
144Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 17-Nov-16
V20100C-E3 VISHAY-V20100C-E3 Datasheet
167Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 13-Dec-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com