Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V30100S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # V30100S
Description  High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V30100S Datasheet(HTML) 3 Page - Vishay Siliconix

  V30100S Datasheet HTML 1Page - Vishay Siliconix V30100S Datasheet HTML 2Page - Vishay Siliconix V30100S Datasheet HTML 3Page - Vishay Siliconix V30100S Datasheet HTML 4Page - Vishay Siliconix V30100S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
New Product
V30100S, VF30100S, VB30100S & VI30100S
Vishay General Semiconductor
Document Number: 88941
Revision: 31-Jul-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
Figure 5. Typical Junction Capacitance
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
Instantaneous Forward Voltage (V)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
0.001
0.01
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90
100
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
Percent of Rated Peak Reverse Voltage (%)
100
1000
10 000
0.1
1
10
100
Reverse Voltage (V)
Figure 6. Typical Transient Thermal Impedance
Figure 7. Typical Transient Thermal Impedance
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
t - Pulse Duration (s)
Junction to Case
V(B,I)30100S
1
10
0.01
0.1
1
10
100
Junction to Case
VF30100S
t - Pulse Duration (s)


Similar Part No. - V30100S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30100S VISHAY-V30100S Datasheet
149Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Oct-09
V30100S VISHAY-V30100S Datasheet
149Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Oct-09
V30100S VISHAY-V30100S Datasheet
141Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
V30100S-E3 VISHAY-V30100S-E3 Datasheet
156Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 14-Dec-16
V30100S-E3 VISHAY-V30100S-E3 Datasheet
213Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
More results

Similar Description - V30100S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VB30100S-M3 VISHAY-VB30100S-M3 Datasheet
88Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Revision: 15-May-13
VFT3080S-M3 VISHAY-VFT3080S-M3 Datasheet
89Kb / 4P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Revision: 11-Sep-13
VBT3080S-M3 VISHAY-VBT3080S-M3 Datasheet
88Kb / 4P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Revision: 14-May-13
VT3080S-E3 VISHAY-VT3080S-E3 Datasheet
157Kb / 6P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Revision: 14-Dec-16
VBT1060C-M3 VISHAY-VBT1060C-M3 Datasheet
89Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 2.5 A
Revision: 14-May-13
VT1060C-E3 VISHAY-VT1060C-E3 Datasheet
156Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 2.5 A
Revision: 14-Dec-16
VT1060C-M3 VISHAY-VT1060C-M3 Datasheet
133Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 2.5 A
Revision: 15-Dec-16
V10150S VISHAY-V10150S Datasheet
166Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
Revision: 19-May-08
V30120S VISHAY-V30120S_08 Datasheet
165Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 5 A
Revision: 19-May-08
V10150S VISHAY-V10150S_15 Datasheet
156Kb / 5P
   High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
Revision: 13-Aug-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com