Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD-020M002A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LCD-020M002A
Description  20 x 2 Character LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-020M002A Datasheet(HTML) 2 Page - Vishay Siliconix

  LCD-020M002A Datasheet HTML 1Page - Vishay Siliconix LCD-020M002A Datasheet HTML 2Page - Vishay Siliconix LCD-020M002A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 37223
Revision 01-Oct-02
www.vishay.com
48
LCD-020M002A
Vishay
For Technical Questions, Contact: Displays@Vishay.com
16 x 2 Character LCD
DIMENSIONS in millimeters
PIN NUMBER
SYMBOL
FUNCTION
1
Vss
GND
2
Vdd
+ 3V or + 5V
3
Vo
Contrast Adjustment
4
RS
H/L Register Select Signal
5
R/W
H/L Read/Write Signal
6E
H
→L Enable Signal
7
DB0
H/L Data Bus Line
8
DB1
H/L Data Bus Line
9
DB2
H/L Data Bus Line
10
DB3
H/L Data Bus Line
11
DB4
H/L Data Bus Line
12
DB5
H/L Data Bus Line
13
DB6
H/L Data Bus Line
14
DB7
H/L Data Bus Line
15
A/Vee
+ 4.2V for LED/Negative Voltage Potput
16
K
Power Supply for B/L (OV)
116.0
± 0.5
93.0
85.0 (VA)
73.5 (AA)
12.5
16.5
22.25
2.5
108.0
59.0
4.0
4 - Ø 3.5 PTH
4 - Ø 5.5 PAD
4 - Ø 1.0 PTH
A
K
16
15
2
1
13.9 MAX
9.3
4.9
9.5 MAX
1.6
1.6
LED B/L
EL or NO B/L
2.5
2.54
0.65
0.6
3.2
0.5
DOT SIZE
1
2
15
16
PIN DETAIL


Similar Part No. - LCD-020M002A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-020M002L VISHAY-LCD-020M002L Datasheet
112Kb / 3P
   20 x 2 Character LCD
Revision 01-Oct-02
LCD-020M002L VISHAY-LCD-020M002L_08 Datasheet
112Kb / 3P
   20 x 2 Character LCD
Revision 01-Oct-02
LCD-020M002M VISHAY-LCD-020M002M Datasheet
114Kb / 3P
   20 x 2 Character LCD
Revision 01-Oct-02
More results

Similar Description - LCD-020M002A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-020N002A VISHAY-LCD-020N002A_V02 Datasheet
74Kb / 3P
   20 x 2 Character LCD
01-Jan-2023
LCD-020M002M VISHAY-LCD-020M002M Datasheet
114Kb / 3P
   20 x 2 Character LCD
Revision 01-Oct-02
LCD-020N002A VISHAY-LCD-020N002A Datasheet
76Kb / 3P
   20 x 2 Character LCD
Revision: 09-Oct-12
LCD-020N002L VISHAY-LCD-020N002L_V01 Datasheet
74Kb / 3P
   20 x 2 Character LCD
01-Jan-2022
LCD-020N002M VISHAY-LCD-020N002M_V02 Datasheet
73Kb / 3P
   20 x 2 Character LCD
01-Jan-2023
LCD-020N002M VISHAY-LCD-020N002M Datasheet
75Kb / 3P
   20 x 2 Character LCD
Revision: 09-Oct-12
LCD-020M002L VISHAY-LCD-020M002L_08 Datasheet
112Kb / 3P
   20 x 2 Character LCD
Revision 01-Oct-02
LCD-020N002D VISHAY-LCD-020N002D Datasheet
73Kb / 3P
   20 x 2 Character LCD
Revision: 09-Oct-12
LCD-020N002D VISHAY-LCD-020N002D_V02 Datasheet
71Kb / 3P
   20 x 2 Character LCD
01-Jan-2023
LCD-020N002D VISHAY-LCD-020N002D_V01 Datasheet
70Kb / 3P
   20 x 2 Character LCD
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com