Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD-122G032D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LCD-122G032D
Description  122 x 32 Dots Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-122G032D Datasheet(HTML) 1 Page - Vishay Siliconix

  LCD-122G032D Datasheet HTML 1Page - Vishay Siliconix LCD-122G032D Datasheet HTML 2Page - Vishay Siliconix LCD-122G032D Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
77
LCD-122G032D
Vishay
Document Number: 37272
Revision 01-Oct-02
For Technical Questions, Contact: Displays@Vishay.com
FEATURES
• Epson-SED 1520, or equivalent
• 1/32 duty cycl
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
59.0 x 29.3
mm
Viewing Area
52.0 x 15.0
mm
Mounting Hole
50.0
mm
Dot Pitch
0.375 x 0.375
mm
ABSOLUTE MAXIMUM RATING
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD-VSS
2.75
5
5.25
V
Input Voltage
VI
0
VDD
V
NOTE: VSS = 0 Volt, VDD = 5.0 Volt
122 x 32 Dots Graphic LCD
ELECTRICAL SPECIFICATIONS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
VDD = + 5V
4.5
5.0
5.5
V
Supply Current
IDD
VDD = 5V
1.0
1.4
mA
Recommended LC Driving
- 20
°C
5.3
5.5
5.7
Voltage for Normal Temp.
VDD-V0
25
°C
4.7
4.9
5.1
V
Version Module
7
°C
4.1
4.4
4.7
LED Forward Voltage
VF
25
°C
4.2
4.6
V
LED Forward Current
IF
25
°C
20
40
mA
EL Power Supply Current
IEL
Vel = 110VAC:400Hz
mA


Similar Part No. - LCD-122G032D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-122G032A VISHAY-LCD-122G032A Datasheet
111Kb / 3P
   122 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-122G032B VISHAY-LCD-122G032B Datasheet
107Kb / 3P
   122 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-122G032C VISHAY-LCD-122G032C Datasheet
111Kb / 3P
   122 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-122G032E VISHAY-LCD-122G032E Datasheet
111Kb / 3P
   122 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-122G032G VISHAY-LCD-122G032G Datasheet
107Kb / 3P
   122 x 32 Dots Graphic LCD
Revision 01-Oct-02
More results

Similar Description - LCD-122G032D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-122G032G VISHAY-LCD-122G032G Datasheet
107Kb / 3P
   122 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-122G032E VISHAY-LCD-122G032E Datasheet
111Kb / 3P
   122 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-122G032B VISHAY-LCD-122G032B Datasheet
107Kb / 3P
   122 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-122G032A VISHAY-LCD-122G032A Datasheet
111Kb / 3P
   122 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-122G032C VISHAY-LCD-122G032C Datasheet
111Kb / 3P
   122 x 32 Dots Graphic LCD
Revision 01-Oct-02
logo
Hantronix,Inc
HDM32GS12-1 HANTRONIX-HDM32GS12-1 Datasheet
46Kb / 1P
   122 X 32 Dots Graphic
HDM32GS12_-B HANTRONIX-HDM32GS12_-B_15 Datasheet
31Kb / 1P
   122 X 32 Dots Graphic
HDM32GS12-B HANTRONIX-HDM32GS12-B Datasheet
33Kb / 1P
   122 X 32 Dots Graphic
logo
Vishay Siliconix
LCD-122H032BP1 VISHAY-LCD-122H032BP1_V01 Datasheet
64Kb / 3P
   122 x 32 Graphic LCD
01-Jan-2022
LCD-122H032B VISHAY-LCD-122H032B_V01 Datasheet
65Kb / 3P
   122 x 32 Graphic LCD
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com