Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD-160G160A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LCD-160G160A
Description  160 x 160 Dots Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-160G160A Datasheet(HTML) 1 Page - Vishay Siliconix

  LCD-160G160A Datasheet HTML 1Page - Vishay Siliconix LCD-160G160A Datasheet HTML 2Page - Vishay Siliconix LCD-160G160A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
113
LCD-160G160A
Vishay
Document Number: 37243
Revision 01-Oct-02
For Technical Questions, Contact: Displays@Vishay.com
160 x 160 Dots Graphic LCD
FEATURES
• No Built-in controller
• + 5V power supply
• 1/160 duty cycle
• 4-Bit parallel or 1-Bit serial interface mode
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
89.2 x 85.0
mm
Viewing Area
62.0 x 62.0
mm
Dot Size
0.34 x 0.34
mm
Dot Pitch
0.38 x 0.38
mm
ABSOLUTE MAXIMUM RATING
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD-VSS
4.75
5.0
5.52
V
Input Voltage
VI
- 0.3
VDD
V
NOTE: VSS = 0 Volt, VDD = 5.0 Volt
ELECTRICAL SPECIFICATIONS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
L level
0.7VDD
–VDD
V
VIO
H level
0.3VDD
V
Supply Current
IDD
VDD = 5V
1.5
3.0
mA
Recommended LC Driving
- 20
°C
16.5
18.0
19.5
Voltage for Normal Temp.
VDD-V0
25
°C
15.5
17.0
18.5
V
Version Module
60
°C
14.5
16.0
17.5
LED Forward Voltage
VF
25
°C
4.2
4.6
V
LED Forward Current
IF
25
°C
500
1000
mm
EL
IEL
Vel = 110VAC; 400Hz
5.0
mA


Similar Part No. - LCD-160G160A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-160G160A VISHAY-LCD-160G160A Datasheet
78Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
More results

Similar Description - LCD-160G160A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-160G160A VISHAY-LCD-160G160A Datasheet
78Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G160B VISHAY-LCD-160G160B_08 Datasheet
112Kb / 3P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G160B VISHAY-LCD-160G160B Datasheet
81Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160X160A VISHAY-LCD-160X160A Datasheet
84Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
logo
List of Unclassifed Man...
WG160160A ETC-WG160160A Datasheet
55Kb / 1P
   LCD MODULE GRAPHIC 160 x 160 DOTS
logo
Vishay Siliconix
LCD-160G032A VISHAY-LCD-160G032A Datasheet
77Kb / 2P
   160 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G128B VISHAY-LCD-160G128B Datasheet
80Kb / 2P
   160 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G128C VISHAY-LCD-160G128C Datasheet
112Kb / 3P
   160 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G032A VISHAY-LCD-160G032A_08 Datasheet
109Kb / 3P
   160 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G128B VISHAY-LCD-160G128B_08 Datasheet
111Kb / 3P
   160 x 128 Dots Graphic LCD
Revision 01-Oct-02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com