Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD-160G160B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LCD-160G160B
Description  160 x 160 Dots Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-160G160B Datasheet(HTML) 2 Page - Vishay Siliconix

  LCD-160G160B_08 Datasheet HTML 1Page - Vishay Siliconix LCD-160G160B_08 Datasheet HTML 2Page - Vishay Siliconix LCD-160G160B_08 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 37244
Revision 01-Oct-02
www.vishay.com
116
LCD-160G160B
Vishay
For Technical Questions, Contact: Displays@Vishay.com
PIN NUMBER
SYMBOL
FUNCTION
1
FGND
Frame Ground
2
Vss
Power Supply (GND)
3
Vdd
Power Supply (+ 5V)
4
Vo
Contrast Adjustment
5
R/W
Data Read/Write
6
E
Enable Signal
7
CS
Chip Select
8
RS
Data Instruction Select
9
NC
No Connection
10
RST
Reset Signal
11
DB0
H/L Data Bus Line
12
DB1
H/L Data Bus Line
13
DB2
H/L Data Bus Line
14
DB3
H/L Data Bus Line
15
DB4
H/L Data Bus Line
16
DB5
H/L Data Bus Line
17
DB6
H/L Data Bus Line
18
DB7
H/L Data Bus Line
19
NC
No Connection
20
NC/Vee
NC/Negative Voltage Output
160 x 160 Dots Graphic LCD
DIMENSIONS in millimeters
85.0
± 0.5
75.0
73.0
62.0 (VA)
60.76 (AA)
5.0
3.0
5.0
6.5
7.12
4 - R1.75
1.5
4 - Ø 1.0 PTH
(P2.54*9)
22.86
32.0
5.0 19.0
2.2
20 - Ø 1.0 PTH
20 - Ø 1.8 PAD
2.0
19
2 A K
2 - Ø 1.0 PTH
A
K
1.6
1.6
4.5 MAX
9.3 MAX
9.9
4.7
LED B/L
EL or NO B/L
DOT SIZE
0.38
0.34


Similar Part No. - LCD-160G160B_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-160G160B VISHAY-LCD-160G160B Datasheet
81Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
More results

Similar Description - LCD-160G160B_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-160G160A VISHAY-LCD-160G160A_08 Datasheet
109Kb / 3P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G160A VISHAY-LCD-160G160A Datasheet
78Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G160B VISHAY-LCD-160G160B Datasheet
81Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160X160A VISHAY-LCD-160X160A Datasheet
84Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
logo
List of Unclassifed Man...
WG160160A ETC-WG160160A Datasheet
55Kb / 1P
   LCD MODULE GRAPHIC 160 x 160 DOTS
logo
Vishay Siliconix
LCD-160G032A VISHAY-LCD-160G032A Datasheet
77Kb / 2P
   160 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G128B VISHAY-LCD-160G128B Datasheet
80Kb / 2P
   160 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G128C VISHAY-LCD-160G128C Datasheet
112Kb / 3P
   160 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G032A VISHAY-LCD-160G032A_08 Datasheet
109Kb / 3P
   160 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G128B VISHAY-LCD-160G128B_08 Datasheet
111Kb / 3P
   160 x 128 Dots Graphic LCD
Revision 01-Oct-02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com