Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD-320G240C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LCD-320G240C
Description  320 x 24 Dots Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-320G240C Datasheet(HTML) 2 Page - Vishay Siliconix

  LCD-320G240C_08 Datasheet HTML 1Page - Vishay Siliconix LCD-320G240C_08 Datasheet HTML 2Page - Vishay Siliconix LCD-320G240C_08 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 37257
Revision 01-Oct-02
www.vishay.com
146
LCD-320G240C
Vishay
For Technical Questions, Contact: Displays@Vishay.com
320 x 240 Dots Graphic LCD
DIMENSIONS in millimeters
PIN NUMBER
SYMBOL
FUNCTION
1
Vss
Ground
2
Vdd
Power Supply for Logic
3
Vo
Driving Voltage for LCD
4
RD
8080 Family: Read Signal, 6800 Family: Enable Clock
5
WR
8080 Family: Write Signal, 6800 Family: R/W Signal
6
Data Select Type
RD = L WR = H, A0 = L: Data Read AO = H: Status Read
RD = H WR = L, A0 = L: Data Read AO = H: Command Write
Ao
For 80 Family
R/W = L A0 = H: Command Write A0 = L: Data Write
R/W = H A0 = H: Status Read AO = L: Data Read
For 68 Family
7
DB0
Data Bus Line
8
DB1
Data Bus Line
9
DB2
Data Bus Line
10
DB3
Data Bus Line
11
DB4
Data Bus Line
12
DB5
Data Bus Line
13
DB6
Data Bus Line
14
DB7
Data Bus Line
15
CS
Chip Select, Active L
16
RES
Controller Rest Signal Active L
17
Vee
Negative Voltage Output (Optional)
18
FGND
Frame Ground
19
NC
No Connection
20
NC
No Connection
154.79
± 0.5
139.98
136.2
120.14 (VA)
115.18 (AA)
13.97
16.45
4.02
4.44
4 - Ø 3.5 PTH
4 - Ø 6.0 PAD
20 - Ø 1.0 PTH
20 - Ø 1.8 PAD
148.02
± 0.5
22.86
(P2.54*9)
21.06
320*240 DOTS
15.6 MAX
10.5
1.6
200.0
± 10.0
CCFL B/L
0.36
0.34
DOT SIZE
SCALE 10/1


Similar Part No. - LCD-320G240C_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-320G240C VISHAY-LCD-320G240C Datasheet
82Kb / 2P
   320 x 24 Dots Graphic LCD
Revision 01-Oct-02
More results

Similar Description - LCD-320G240C_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
320G240C VISHAY-320G240C Datasheet
82Kb / 2P
   320 x 24 Dots Graphic LCD
Revision 01-Oct-02
LCD-320G240D VISHAY-LCD-320G240D_08 Datasheet
109Kb / 3P
   320 x 240 Dots Graphic LCD
Revision 01-Oct-02
LCD-320G240D VISHAY-LCD-320G240D Datasheet
109Kb / 3P
   320 X 240 Dots Graphic LCD
Revision 01-Oct-02
LCD-320X240A VISHAY-LCD-320X240A Datasheet
125Kb / 3P
   320 x 240 Dots Graphic LCD
Revision: 12-Apr-06
LCD-320G240B VISHAY-LCD-320G240B Datasheet
108Kb / 3P
   320 x 240 Dots Graphic LCD
Revision 01-Oct-02
LCD-320G240A VISHAY-LCD-320G240A Datasheet
109Kb / 3P
   320 x 240 Dots Graphic LCD
Revision 01-Oct-02
logo
List of Unclassifed Man...
WG320240B ETC-WG320240B Datasheet
54Kb / 1P
   LCD MODULE GRAPHIC 320 X 240 DOTS
SG320240B ETC-SG320240B Datasheet
127Kb / 2P
   LCD MODULE (320 DOTS X 240 DOTS )
logo
Vishay Siliconix
LCD-320H240A VISHAY-LCD-320H240A_V02 Datasheet
71Kb / 3P
   320 x 240 Graphic LCD
01-Jan-2023
LCD-320H240C VISHAY-LCD-320H240C_V02 Datasheet
134Kb / 3P
   320 x 240 Graphic LCD
01-Jan-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com