Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD-320G240C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LCD-320G240C
Description  320 x 24 Dots Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-320G240C Datasheet(HTML) 1 Page - Vishay Siliconix

  LCD-320G240C Datasheet HTML 1Page - Vishay Siliconix LCD-320G240C Datasheet HTML 2Page - Vishay Siliconix LCD-320G240C Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
145
LCD-320G240C
Vishay
Document Number: 37257
Revision 01-Oct-02
For Technical Questions, Contact: Displays@Vishay.com
FEATURES
• Built-in SED 1335 controller and SRAM
• Built-in negative voltage generator
• 1/240 duty cycle
• Touch screen option (analog type)
• Temperature compensation option
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
148.0 x 120.24
mm
Viewing Area
120.14 x 92.14
mm
Dot Size
0.34 x 0.34
mm
Dot Pitch
0.36 x 0.36
mm
ABSOLUTE MAXIMUM RATING
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD-VSS
4.75
5.0
5.25
V
Input Voltage
VI
- 0.3
VDD
V
NOTE: VSS = 0 Volt, VDD = 5.0 Volt
320 x 24 Dots Graphic LCD
ELECTRICAL SPECIFICATIONS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
L level
0.7VDD
–VDD
V
VIO
H level
0
0.3VDD
V
Supply Current
IDD
VDD = 5V
100
105
mA
Recommended LC Driving
0
°C
22.0
23.0
24.0
Voltage for Normal Temp.
VDD - V0
25
°C
21.3
22.2
23.0
V
Version Module
50
°C
19.5
20.8
22.1
CCFL Starting Voltage
VFLS
25
°C
600
Vrms
CCFL Driving Voltage
VFLD
25
°C
268
Vrms
CCFL Driving Current
IFLD
VFQ = 450Vrms
5.0
mArms
30KHz
LED Forward Voltage
VF
25
°C
4.2
4.6
V
LED Forward Current
IF
25
°C
180
360
mA
EL
IEL
Vel = 110VAC; 400Hz
5.0
mA


Similar Part No. - LCD-320G240C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-320G240C VISHAY-LCD-320G240C Datasheet
82Kb / 2P
   320 x 24 Dots Graphic LCD
Revision 01-Oct-02
More results

Similar Description - LCD-320G240C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
320G240C VISHAY-320G240C Datasheet
82Kb / 2P
   320 x 24 Dots Graphic LCD
Revision 01-Oct-02
LCD-320G240D VISHAY-LCD-320G240D_08 Datasheet
109Kb / 3P
   320 x 240 Dots Graphic LCD
Revision 01-Oct-02
LCD-320G240D VISHAY-LCD-320G240D Datasheet
109Kb / 3P
   320 X 240 Dots Graphic LCD
Revision 01-Oct-02
LCD-320X240A VISHAY-LCD-320X240A Datasheet
125Kb / 3P
   320 x 240 Dots Graphic LCD
Revision: 12-Apr-06
LCD-320G240B VISHAY-LCD-320G240B Datasheet
108Kb / 3P
   320 x 240 Dots Graphic LCD
Revision 01-Oct-02
LCD-320G240A VISHAY-LCD-320G240A Datasheet
109Kb / 3P
   320 x 240 Dots Graphic LCD
Revision 01-Oct-02
logo
List of Unclassifed Man...
WG320240B ETC-WG320240B Datasheet
54Kb / 1P
   LCD MODULE GRAPHIC 320 X 240 DOTS
SG320240B ETC-SG320240B Datasheet
127Kb / 2P
   LCD MODULE (320 DOTS X 240 DOTS )
logo
Vishay Siliconix
LCD-320H240A VISHAY-LCD-320H240A_V02 Datasheet
71Kb / 3P
   320 x 240 Graphic LCD
01-Jan-2023
LCD-320H240C VISHAY-LCD-320H240C_V02 Datasheet
134Kb / 3P
   320 x 240 Graphic LCD
01-Jan-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com