Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1032R-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1032R-T1-E3
Description  N-Channel 1.5-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1032R-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1032R-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1032R-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1032R-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1032R-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1032R-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number: 71172
S-81543-Rev. E, 07-Jul-08
Vishay Siliconix
Si1032R/X
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
TA = 25 °C, unless otherwise noted
SPECIFICATIONS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.40
0.7
1.2
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 2.8 V
± 0.5
± 1.0
µA
VDS = 0 V, VGS = ± 4.5 V
± 1.0
± 3.0
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
VDS = 20 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 4.5 V
250
mA
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 200 mA
5
Ω
VGS = 2.5 V, ID = 175 mA
7
VGS = 1.8 V, ID = 150 mA
9
VGS = 1.5 V, ID = 40 mA
10
Forward Transconductancea
gfs
VDS = 10 V, ID = 200 mA
0.5
S
Diode Forward Voltagea
VSD
IS = 150 mA, VGS = 0 V
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 10 V, VGS = 4.5 V, ID = 250 mA
750
pC
Gate-Source Charge
Qgs
75
Gate-Drain Charge
Qgd
225
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 47 Ω
ID ≅ 200 mA, VGEN = 4.5 V, RG = 10 Ω
50
ns
Rise Time
tr
25
Turn-Off Delay Time
td(off)
50
Fall Time
tf
25
Output Characteristics
0.0
0.1
0.2
0.3
0.4
0.5
0123456
VDS - Drain-to-Source Voltage (V)
VGS = 5 thru 1.8 V
1 V
Transfer Characteristics
0
100
200
300
400
500
600
0.0
0.5
1.0
1.5
2.0
2.5
VGS - Gate-to-Source Voltage (V)
TJ = - 55 °C
125 °C
25 °C


Similar Part No. - SI1032R-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1032R-T1-GE3 VISHAY-SI1032R-T1-GE3 Datasheet
199Kb / 9P
   N-Channel 1.5 V (G-S) MOSFET
Rev. F, 08-Nov-10
More results

Similar Description - SI1032R-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1032R VISHAY-SI1032R_10 Datasheet
199Kb / 9P
   N-Channel 1.5 V (G-S) MOSFET
Rev. F, 08-Nov-10
SI1032R VISHAY-SI1032R_V01 Datasheet
135Kb / 7P
   N-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
SI8404DB VISHAY-SI8404DB Datasheet
260Kb / 8P
   N-Channel 1.5-V (G-S) MOSFET
Rev. C, 08-Sep-08
SI5920DC VISHAY-SI5920DC Datasheet
111Kb / 7P
   Dual N-Channel 1.5-V (G-S) MOSFET
Rev. C, 07-May-07
SI3499DV VISHAY-SI3499DV Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI5499DC VISHAY-SI5499DC Datasheet
143Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. B, 04-Feb-08
SI3499DV VISHAY-SI3499DV_08 Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI8435DB VISHAY-SI8435DB Datasheet
120Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. D, 08-Sep-08
SI3499DV VISHAY-SI3499DV_V01 Datasheet
235Kb / 10P
   P-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
SI3495DV VISHAY-SI3495DV_08 Datasheet
98Kb / 6P
   P-Channel 20-V (D-S), 1.5-V (G-S) MOSFET
Rev. B, 02-Jul-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com