Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1035X-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1035X-T1-E3
Description  Complementary N- and P-Channel 20-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1035X-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1035X-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1035X-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1035X-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1035X-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1035X-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1035X-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI1035X-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI1035X-T1-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number: 71426
S-80643-Rev. B, 24-Mar-08
Vishay Siliconix
Si1035X
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
0.40
V
VDS = VGS, ID = - 250 µA
P-Ch
- 0.40
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 2.8 V
N-Ch
± 0.5
± 1.0
µA
P-Ch
± 0.5
± 1.0
VDS = 0 V, VGS = ± 4.5 V
N-Ch
± 1.5
± 3.0
P-Ch
± 1.0
± 3.0
Zero Gate Voltage Drain Current
IDSS
VDS = 16 V, VGS = 0 V
N-Ch
1
500
nA
VDS = - 16 V, VGS = 0 V
P-Ch
- 1
- 500
VDS = 16 V, VGS = 0 V, TJ = 85 °C
N-Ch
10
µA
VDS = - 16 V, VGS = 0 V, TJ = 85 °C
P-Ch
- 10
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 4.5 V
N-Ch
250
mA
VDS = - 5 V, VGS = - 4.5 V
P-Ch
- 200
Drain-Source On-State
Resistancea
RDS(on)
VGS = 4.5 V, ID = 200 mA
N-Ch
5
Ω
VGS = - 4.5 V, ID = - 150 mA
P-Ch
8
VGS = 2.5 V, ID = 175 mA
N-Ch
7
VGS = - 2.5 V, ID = 125 mA
P-Ch
12
VGS = 1.8 V, ID = 150 mA
N-Ch
9
VGS = - 1.8 V, ID = - 100 mA
P-Ch
15
VDS = 1.5 V, ID = 40 mA
N-Ch
10
VDS = - 1.5 V, ID = - 30 mA
P-Ch
20
Forward Transconductancea
gfs
VDS = 10 V, ID = 200 mA
N-Ch
0.5
S
VDS = - 10 V, ID = - 150 mA
P-Ch
0.4
Diode Forward Voltagea
VSD
IS = 150 mA, VGS = 0 V
N-Ch
1.2
V
IS = - 150 mA, VGS = 0 V
P-Ch
- 1.2
Dynamicb
Total Gate Charge
Qg
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 150 mA
P-Channel
VDS = - 10 V, VGS = - 4.5 V, ID = - 150 mA
N-Ch
750
pC
P-Ch
1500
Gate-Source Charge
Qgs
N-Ch
75
P-Ch
150
Gate-Drain Charge
Qgd
N-Ch
225
P-Ch
450
Turn-On Time
tON
N-Channel
VDD = 10 V, RL = 47 Ω
ID ≅ 250 mA, VGEN = 4.5 V, RG = 10 Ω
N-Ch
75
ns
P-Ch
80
Turn-Off Time
tOFF
P-Channel
VDD = - 10 V, RL = 65 Ω
ID ≅ - 150 mA, VGEN = - 4.5 V, RG = 10 Ω
N-Ch
75
P-Ch
90


Similar Part No. - SI1035X-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1035X VISHAY-SI1035X Datasheet
53Kb / 7P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 12-Mar-01
SI1035X VISHAY-SI1035X Datasheet
131Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
Rev. C, 08-Nov-10
SI1035X VISHAY-SI1035X Datasheet
160Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1035X VISHAY-SI1035X_10 Datasheet
131Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
Rev. C, 08-Nov-10
SI1035X VISHAY-SI1035X_V01 Datasheet
160Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1035X-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1016CX VISHAY-SI1016CX Datasheet
200Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI1035X VISHAY-SI1035X_V01 Datasheet
160Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X Datasheet
53Kb / 7P
   Complementary N and P-Channel 20-V (D-S) MOSFET
Rev. A, 08-Feb-01
SI1016CX VISHAY-SI1016CX_V01 Datasheet
240Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X_V01 Datasheet
159Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X_08 Datasheet
107Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
S-80427-Rev. D, 03-Mar-08
SI1035X VISHAY-SI1035X_10 Datasheet
131Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
Rev. C, 08-Nov-10
SI1035X VISHAY-SI1035X Datasheet
53Kb / 7P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 12-Mar-01
logo
Vishay Telefunken
SI1016CX TFUNK-SI1016CX Datasheet
237Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1016X-T1 VISHAY-SI1016X-T1 Datasheet
216Kb / 17P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 03-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com