Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1202PB Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 1202PB
Description  Bulk Metal® Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Designed to Meet or Exceed The Requirements of MIL-PRF-22097, Char. F
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1202PB Datasheet(HTML) 5 Page - Vishay Siliconix

  1202PB Datasheet HTML 1Page - Vishay Siliconix 1202PB Datasheet HTML 2Page - Vishay Siliconix 1202PB Datasheet HTML 3Page - Vishay Siliconix 1202PB Datasheet HTML 4Page - Vishay Siliconix 1202PB Datasheet HTML 5Page - Vishay Siliconix 1202PB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 63055
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 13-Nov-07
5
1202
Bulk Metal® Foil Technology Precision Trimming
Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Designed to
Meet or Exceed The Requirements of MIL-PRF-22097, Char. F
Vishay Foil Resistors
Note
* For non-standard requests, please contact Application Engineering.
TABLE 6 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y5050500R000K0L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
0 = standard
1 - 999 = custom
PRODUCT CODE
TOLERANCE
PACKAGING
5050 = 1202L
0050 = 1202LB
0051 = 1202P
6050 = 1202PB
5051 = 1202Y
7050 = 1202YB
J = ± 5 %
K = ± 10 %
M = ± 20 %
L = bulk pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y5050 500R000 K 0 L:
TYPE: 1202L
VALUE: 500.0
Ω
ABSOLUTE TOLERANCE: ± 10.0 %
AER: standard
PACKAGING: bulk pack
HISTORICAL PART NUMBER: 1202L 500R00 K B (will continue to be used)
1202L
500R00
K
B
MODEL
RESISTANCE VALUE
TOLERANCE
PACKAGING
1202L
1202LB
1202P
1202PB
1202Y
1202YB
500.0
Ω
J = ± 5 %
K= ± 10 %
M= ± 20 %
B = bulk pack
0505
0
R
0
0
Y5
K0
0
L
0


Similar Part No. - 1202PB

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
1202P GENNUM-1202P Datasheet
231Kb / 7P
   Protects up to two lines
More results

Similar Description - 1202PB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1240 VISHAY-1240 Datasheet
152Kb / 5P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Meet or Exceed the Requirements of MIL-PRF-39035, Char. H
Revision: 17-Jun-08
1260 VISHAY-1260 Datasheet
113Kb / 5P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, 3/8 Inch Square, RJ24 Style, Designed to Meet or Exceed the Requirements of MIL-PRF-39035, Char. H
Revision: 29-Feb-08
1242 VISHAY-1242 Datasheet
118Kb / 5P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, QPL Approved 1/4 Inch Square, Qualified to MIL-PRF-22097, Char. F, RJ26
Revision: 06-Nov-08
1280G VISHAY-1280G_10 Datasheet
374Kb / 4P
   Bulk Metal® Foil Technology Ultra High Precision Trimming Potentiometers 3/4" Rectilinear
Revision: 25-Mar-10
logo
Micropac Industries
66225 MICROPAC-66225 Datasheet
58Kb / 2P
   Designed to meet or exceed MIL-PRF-19500 radiation requirements
66226 MICROPAC-66226 Datasheet
62Kb / 2P
   Designed to meet or exceed MIL-PRF-19500 radiation requirements
logo
Vishay Siliconix
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
   Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
Revision: 24-Mar-10
VTA52 VISHAY-VTA52 Datasheet
94Kb / 4P
   Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
Revision: 05-Jun-07
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
Revision: 07-Nov-07
1268 VISHAY-1268 Datasheet
77Kb / 2P
   Bulk Metal Foil Technology Precision Trimming Potentiometers 3/8 Inch Square, RJ24 Style - Industrial Trimmer
Revision 06-Aug-02
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com