Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7496S Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7496S
Description  5W5W AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7496S Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7496S Datasheet HTML 1Page - STMicroelectronics TDA7496S Datasheet HTML 2Page - STMicroelectronics TDA7496S Datasheet HTML 3Page - STMicroelectronics TDA7496S Datasheet HTML 4Page - STMicroelectronics TDA7496S Datasheet HTML 5Page - STMicroelectronics TDA7496S Datasheet HTML 6Page - STMicroelectronics TDA7496S Datasheet HTML 7Page - STMicroelectronics TDA7496S Datasheet HTML 8Page - STMicroelectronics TDA7496S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MUTE STAND-BY TRUTH TABLE
MUTE
ST-BY
OPERATING CONDITION
H
H
STANDBY
L
H
STANDBY
H
L
MUTE
L
L
PLAY
OFF
STBY MUTE
PLAY
STBY
OFF
MUTE
VS (V)
5
ST-BY
pin#9 (V)
5
MUTE
pin#10 (V)
INPUT
(mV)
VOUT
(V)
IQ
(mA)
D97AU684
VSVR
pin#7(V)
2.5V
Turn ON/OFF Sequences (for optimizing the POP performances)
A) USING MUTE AND STAND-BY FUNCTIONS
B) USING ONLY THE MUTE FUNCTION
To semplify the application, the stand-by pin can
be connected directly to Ground.
During the ON/OFF transitions is recommend to
respect the following conditions.
- At the turn-on, the transition mute - play must
be made when the SVR pin is higher than
2.5V
- At the turn-off, the TDA7496 must be brought
to mute from the play condition when the SVR
pin is higher than 2.5V.
TDA7496S
5/10


Similar Part No. - TDA7496S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
More results

Similar Description - TDA7496S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
TDA7266D STMICROELECTRONICS-TDA7266D Datasheet
192Kb / 13P
   5W5W DUAL BRIDGE AMPLIFIER
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_05 Datasheet
187Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_12 Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
ON Semiconductor
ENA2011A ONSEMI-ENA2011A Datasheet
371Kb / 8P
   5W Power Amplifier
June, 2013
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_10 Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com