Electronic Components Datasheet Search |
|
VJ0402A102CXJAC2L Datasheet(PDF) 2 Page - Vishay Siliconix |
|
VJ0402A102CXJAC2L Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 6 page VJ High Rel C0G (NP0) Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications Vishay Vitramon Document Number: 45045 For technical questions, contact: mlcc.specials@vishay.com www.vishay.com Revision: 20-Feb-08 119 Notes: (1) DC voltage rating should not be exceeded in application (2) Process code with 2 digits has to be added DIMENSIONS in inches [millimeters] PART ORDERING NUMBER LENGTH (L) WIDTH (W) MAXIMUM THICKNESS (T) TERMINATION PAD (P) MINIMUM MAXIMUM VJ0402 0.040 ± 0.004 [1.00 ± 0.10] 0.020 ± 0.004 [0.50 ± 0.010] 0.024 [0.61] 0.004 [0.10] 0.016 [0.41] VJ0603 0.063 ± 0.005 [1.60 ± 0.12] 0.031 ± 0.005 [0.80 ± 0.12] 0.036 [0.92] 0.012 [0.30] 0.018 [0.46] VJ0805 0.079 ± 0.008 [2.00 ± 0.20] 0.049 ± 0.008 [1.25 ± 0.20] 0.053 [1.35] 0.010 [0.25] 0.028 [0.71] VJ1206 0.126 ± 0.008 [3.20 ± 0.20] 0.063 ± 0.008 [1.60 ± 0.20] 0.067 [1.70] 0.010 [0.25] 0.028 [0.71] VJ1210 0.126 ± 0.008 [3.20 ± 0.20] 0.098 ± 0.008 [2.50 ± 0.20] 0.067 [1.70] 0.010 [0.25] 0.028 [0.71] VJ1808 0.180 ± 0.010 [4.57 ± 0.25] 0.080 ± 0.010 [2.03 ± 0.25] 0.086 [2.18] 0.010 [0.25] 0.030 [0.76] VJ1812 0.177 ± 0.010 [4.50 ± 0.25] 0.126 ± 0.008 [3.20 ± 0.20] 0.086 [2.18] 0.010 [0.25] 0.030 [0.76] VJ1825 0.177 ± 0.010 [4.50 ± 0.25] 0.252 ± 0.010 [6.40 ± 0.25] 0.086 [2.18] 0.010 [0.25] 0.030 [0.76] VJ2220 0.220 ± 0.008 [5.59 ± 0.20] 0.200 ± 0.008 [5.08 ± 0.20] 0.086 [2.18] 0.010 [0.25] 0.030 [0.76] VJ2225 0.220 ± 0.010 [5.59 ± 0.25] 0.250 ± 0.010 [6.35 ± 0.25] 0.086 [2.18] 0.010 [0.25] 0.030 [0.76] ORDERING INFORMATION VJ1206 A 102 J L A A T ## (2) CASE CODE DIELECTRIC CAPACITANCE NOMINAL CODE CAPACITANCE TOLERANCE TERMINATION DC VOLTAGE RATING (1) MARKING PACKAGING PROCESS CODE 0402 0603 0805 1206 1210 1808 1812 1825 2220 2225 A = C0G (NP0) Expressed in picofarads (pF). The first two digits are significant, the third is a multiplier. An “R” indicates a decimal point Examples: 102 = 1000 pF 1R8 = 1.8 pF C = ± 0.25 pF D = ± 0.5 pF F = ± 1 % G = ± 2 % H = ± 3 % J = ± 5 % K = ± 10 % Note: C, D < 10 pF F, G, H, ≥ 10 pF J, K, ≥ 10 pF X = Ni barrier 100 % tin plated F = AgPd L = Ni barrier with tin lead plated min. 4 % lead Q = 10 V J = 16 V X = 25 V A = 50 V B = 100 V C = 200 V E = 500 V N = 600 V A = Unmarked C = 7" reel/ paper tape T = 7" reel/ plastic tape P = 11 1/4" reel/ paper tape R = 11 1/4" reel/ plastic tape B = Bulk W = Waffle tray (Paper tape for 0402 and 0603 only) 2L = High Rel group A and C screening 68 = High Rel group A screening only 5G = Voltage Conditioning only L W T MAX. P |
Similar Part No. - VJ0402A102CXJAC2L |
|
Similar Description - VJ0402A102CXJAC2L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |