Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1563DH Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI1563DH
Description  Complementary 20-V (D-S) Low-Threshold MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1563DH Datasheet(HTML) 7 Page - Vishay Siliconix

  SI1563DH Datasheet HTML 1Page - Vishay Siliconix SI1563DH Datasheet HTML 2Page - Vishay Siliconix SI1563DH Datasheet HTML 3Page - Vishay Siliconix SI1563DH Datasheet HTML 4Page - Vishay Siliconix SI1563DH Datasheet HTML 5Page - Vishay Siliconix SI1563DH Datasheet HTML 6Page - Vishay Siliconix SI1563DH Datasheet HTML 7Page - Vishay Siliconix SI1563DH Datasheet HTML 8Page - Vishay Siliconix SI1563DH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Si1563DH
Vishay Siliconix
New Product
Document Number: 71963
S-21483—Rev. A, 26-Aug-02
www.vishay.com
7
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
P−CHANNEL
-0.15
-0.10
-0.05
-0.00
0.05
0.10
0.15
0.20
0.25
0.30
-50
-25
0
25
50
75
100
125
150
ID = 100 mA
1.0
1.2
0.0
0.4
0.8
1.2
1.6
0
1234
5
0.1
1
2
ID = 0.88 A
0
0.2
0.6
0.8
Threshold Voltage
TJ - Temperature (_C)
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
0
1
5
Single Pulse Power, Junction-to-Ambient
Time (sec)
3
4
1
600
10
0.1
0.01
TJ = 25_C
2
TJ = 150_C
0.4
100
Safe Operating Area, Junction-to-Ambient
10
1
0.1
1
10
100
0.01
TA = 25_C
Single Pulse
P(t) = 10
dc
0.1
ID(on)
Limited
rDS(on) Limited
BVDSS Limited
P(t) = 1
P(t) = 0.1
P(t) = 0.01
P(t) = 0.001
P(t) = 0.0001
VDS - Drain-to-Source Voltage (V)
IDM Limited


Similar Part No. - SI1563DH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1563DH VISHAY-SI1563DH Datasheet
66Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. A, 26-Aug-02
SI1563DH VISHAY-SI1563DH Datasheet
281Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
SI1563DH VISHAY-SI1563DH Datasheet
145Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH-T1 VISHAY-SI1563DH-T1 Datasheet
281Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
SI1563DH-T1-E3 VISHAY-SI1563DH-T1-E3 Datasheet
283Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
More results

Similar Description - SI1563DH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1563EDH VISHAY-SI1563EDH_08 Datasheet
160Kb / 9P
   Complementary 20-V (D-S) Low-Threshold MOSFET
S-80257-Rev. C, 04-Feb-08
SI1563DH VISHAY-SI1563DH_V01 Datasheet
145Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH VISHAY-SI1563DH Datasheet
66Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. A, 26-Aug-02
SI1563EDH VISHAY-SI1563EDH Datasheet
64Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
logo
Guangdong Kexin Industr...
KI1563DH KEXIN-KI1563DH Datasheet
58Kb / 2P
   Complementary 20-V (D-S) Low-Threshold MOSFET
KI1501DL KEXIN-KI1501DL Datasheet
54Kb / 2P
   Complementary 20-V (D-S) Low-Threshold MOSFET
logo
Vishay Siliconix
SI1501DL VISHAY-SI1501DL Datasheet
59Kb / 6P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
SI1563EDH VISHAY-SI1563EDH_V01 Datasheet
119Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH VISHAY-SI1563DH_10 Datasheet
281Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
SI1563DH-T1-E3 VISHAY-SI1563DH-T1-E3 Datasheet
283Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com