Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1869DH-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1869DH-T1-E3
Description  Load Switch with Level-Shift
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1869DH-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1869DH-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1869DH-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1869DH-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1869DH-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1869DH-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1869DH-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI1869DH-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 73449
S-61965-Rev. B, 09-Oct-06
Vishay Siliconix
Si1869DH
FUNCTIONAL BLOCK DIAGRAM
Notes:
a. Surface Mounted on FR4 Board.
b. VIN = 20 V, VON/OFF = 8 V, TA = 25 °C.
c. Pulse test: pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Marking Code
VC
XX
Lot Traceability
and Date Code
Part # Code
SC70-6
Top View
6
4
1
2
3
5
S2
ON/OFF
R1, C1
D2
D2
R2
Ordering Information: Si1869DH-T1-E3 (Lead (Pb)-free)
D2
S2
ON/OFF
R2
1
4
6
5
Q1
Q2
Si1869DH
R1,
C1
2, 3
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage (D2-S2)
VDS
- 20
V
Input Voltage
VIN
20
ON/OFF Voltage
VON/OFF
8
Load Current
Continuousa, b
IL
± 1.2
A
Pulsedb, c
± 3
Continuous Intrinsic Diode Conductiona
IS
- 0.4
Maximum Power Dissipationa
PD
1.0
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
ESD Rating, MIL-STD-883D Human Body Model (100 pF, 1500
Ω)ESD
2
kV
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambient (continuous current)a
RthJA
100
125
°C/W
Maximum Junction-to-Foot (Q2)
RthJF
44
55
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF Characteristics
Reverse Leakage Current
IFL
VIN = 8 V, VON/OFF = 0 V
1
µA
Diode Forward Voltage
VSD
IS = - 0.4 A
0.4
0.6
1.1
V
ON Characteristics
Input Voltage Range
VIN
1.8
20
V
Drain to Source Breakdown Voltage
(P-Channel)
VDS
VGS = 0 V, ID = - 250 µA
- 20
On-Resistance (P-Channel) at 1 A
rDS(on)
VON/OFF = 1.5 V, VIN = 4.5 V, ID = 1.2 A
0.132
0.165
Ω
VON/OFF = 1.5 V, VIN = 2.5 V, ID = 1.0 A
0.177
0.222
VON/OFF = 1.5 V, VIN = 1.8 V, ID = 0.7 A
0.242
0.303
On-State (P-Channel) Drain-Current
ID(on)
VIN-OUT ≤ 0.2 V, VIN = 5 V, VON/OFF = 1.5 V
1
A
VIN-OUT ≤ 0.3 V, VIN = 3 V, VON/OFF = 1.5 V
1


Similar Part No. - SI1869DH-T1-E3

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
SI1869DH-T1-E3 TECHPUBLIC-SI1869DH-T1-E3 Datasheet
2Mb / 5P
   Load Switch with Level-Shift
More results

Similar Description - SI1869DH-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
   Load Switch with Level-Shift
Rev. A, 05-Aug-02
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
   Load Switch with Level-Shift
Rev. C, 20-Sep-10
SI1040X VISHAY-SI1040X Datasheet
46Kb / 5P
   Load Switch with Level-Shift
Rev. A, 04-Mar-02
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
   Load Switch with Level-Shift
Rev. B, 14-Jun-04
SI3861BD VISHAY-SI3861BD Datasheet
117Kb / 6P
   Load Switch with Level-Shift
Rev. B, 12-Oct-09
SI1869DH VISHAY-SI1869DH_V01 Datasheet
184Kb / 11P
   Load Switch with Level-Shift
08-Feb-17
SI3865DDV VISHAY-SI3865DDV_V02 Datasheet
253Kb / 10P
   Load Switch with Level-Shift
01-Jan-2022
logo
TECH PUBLIC Electronics...
TPM3320S6 TECHPUBLIC-TPM3320S6 Datasheet
3Mb / 7P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI1040X-T1 VISHAY-SI1040X-T1 Datasheet
151Kb / 8P
   Load Switch with Level-Shift
Rev. D, 08-Nov-10
SI3865DDV VISHAY-SI3865DDV Datasheet
240Kb / 10P
   Load Switch with Level-Shift
Rev. D, 08-Sep-14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com