Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2323DS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI2323DS
Description  P-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2323DS Datasheet(HTML) 2 Page - Vishay Siliconix

  SI2323DS_08 Datasheet HTML 1Page - Vishay Siliconix SI2323DS_08 Datasheet HTML 2Page - Vishay Siliconix SI2323DS_08 Datasheet HTML 3Page - Vishay Siliconix SI2323DS_08 Datasheet HTML 4Page - Vishay Siliconix SI2323DS_08 Datasheet HTML 5Page - Vishay Siliconix SI2323DS_08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 72024
S-81954-Rev. C, 25-Aug-08
Vishay Siliconix
Si2323DS
Notes:
a. Pulse test: PW
≤ 300 µs, duty cycle ≤ 2 %.
b. For DESIGN AID ONLY, not subject to production testing.
c. Switching time is essentially independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = - 250 µA
- 20
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.40
- 1.0
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 16 V, VGS = 0 V
- 1
µA
VDS = - 16 V, VGS = 0 V, TJ = 55 °C
- 10
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 4.5 V
- 20
A
Drain-Source On-Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 4.7 A
0.031
0.039
Ω
VGS = - 2.5 V, ID = - 4.1 A
0.041
0.052
VGS = - 1.8 V, ID = - 2.0 A
0.054
0.068
Forward Transconductancea
gfs
VDS = - 5 V, ID = - 4.7 A
16
S
Diode Forward Voltage
VSD
IS = - 1.0 A, VGS = 0 V
- 0.7
- 1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 4.5 V
ID ≅ - 4.7 A
12.5
19
nC
Gate-Source Charge
Qgs
1.7
Gate-Drain Charge
Qgd
3.3
Input Capacitance
Ciss
VDS = - 10 V, VGS = 0 V, f = 1 MHz
1020
pF
Output Capacitance
Coss
191
Reverse Transfer Capacitance
Crss
140
Switchingc
Turn-On Time
td(on)
VDD = - 10 V, RL = 10 Ω
ID ≅ - 1.0 A, VGEN = - 4.5 V
RG = 6 Ω
25
40
ns
tr
43
65
Turn-Off Time
td(off)
71
110
tf
48
75


Similar Part No. - SI2323DS_08

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI2323DS-3 KEXIN-SI2323DS-3 Datasheet
1Mb / 5P
   P-Channel Enhancement MOSFET
SI2323DS-HF KEXIN-SI2323DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI2323DS-HF-3 KEXIN-SI2323DS-HF-3 Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
Vishay Siliconix
SI2323DS-RC VISHAY-SI2323DS-RC Datasheet
185Kb / 3P
   R-C Thermal Model Parameters
Revision 22-Aug-05
SI2323DS-T1-GE3 VISHAY-SI2323DS-T1-GE3 Datasheet
197Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. D, 02-Feb-09
More results

Similar Description - SI2323DS_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com