Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACAC06121K13220RP1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ACAC06121K13220RP1
Description  Professional Thin Film Chip Resistor Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACAC06121K13220RP1 Datasheet(HTML) 3 Page - Vishay Siliconix

  ACAC06121K13220RP1 Datasheet HTML 1Page - Vishay Siliconix ACAC06121K13220RP1 Datasheet HTML 2Page - Vishay Siliconix ACAC06121K13220RP1 Datasheet HTML 3Page - Vishay Siliconix ACAC06121K13220RP1 Datasheet HTML 4Page - Vishay Siliconix ACAC06121K13220RP1 Datasheet HTML 5Page - Vishay Siliconix ACAC06121K13220RP1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
For technical questions, contact: filmresistors.thinfilmarray@vishay.com
Document Number: 28754
270
Revision: 11-Sep-08
ACAC 0612, ACAS 0612 - Professional
Vishay Beyschlag
Professional Thin Film Chip Resistor Array
DIMENSIONS ACAS 0612 in millimeters
PATTERN STYLES FOR CHIP RESISTOR ARRAYS
DIMENSIONS - chip resistor array, mass and relevant physical dimensions
TYPE
W
(mm)
L
(mm)
H
(mm)
P
(mm)
A1
(mm)
A
(mm)
T1
(mm)
T2
(mm)
MASS
(mg)
ACAS 0612
1.5 ± 0.15
3.2 ± 0.15
0.45 ± 0.1
0.8 ± 0.1
0.6 ± 0.15
0.4 ± 0.15
0.3 ± 0.15
0.4 ± 0.15
6.59
RECOMMENDED SOLDER PAD DIMENSIONS FOR CHIP RESISTOR ARRAYS
TYPE
G (mm)
Y (mm)
X (mm)
U (mm)
Z (mm)
I (mm)
P (mm)
ACAC 0612
0.7
0.7
0.5
-
2.1
0.3
0.8
ACAS 0612
0.8
1.15
0.64
0.44
3.1
0.36
0.8
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
DESCRIPTION
RESISTANCE VALUE
ACCURACY GRADE
ABSOLUTE TCR
ABSOLUTE TOLERANCE
ACAC 0612, ACAS 0612
1
± 25 ppm/K
± 0.5 %
47
Ω to 221 kΩ
2
± 50 ppm/K
± 0.5 %
47
Ω to 221 kΩ
3
± 50 ppm/K
± 1 %
47
Ω to 221 kΩ
T2
H
T1
A1
A
A
0.1
Z
G
Y
UI
X
ACAS 0612
Dimensions in mm
limits for solder resistance
0.1
Z
P
G
Y
I
X
ACAC 0612
P


Similar Part No. - ACAC06121K13220RP1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAC06121K1A1K1P1 VISHAY-ACAC06121K1A1K1P1 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC06121K1A1K1P5 VISHAY-ACAC06121K1A1K1P5 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC06121K1A1K1PW VISHAY-ACAC06121K1A1K1PW Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC06121K1A220RP1 VISHAY-ACAC06121K1A220RP1 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC06121K1A220RP5 VISHAY-ACAC06121K1A220RP5 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
More results

Similar Description - ACAC06121K13220RP1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACASPROF VISHAY-ACASPROF Datasheet
120Kb / 7P
   Professional Thin Film Chip Resistor Array
01-Jan-2022
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
TRA06E VISHAY-TRA06E Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com