Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0402A102CLJAP2L Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VJ0402A102CLJAP2L
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402A102CLJAP2L Datasheet(HTML) 4 Page - Vishay Siliconix

  VJ0402A102CLJAP2L Datasheet HTML 1Page - Vishay Siliconix VJ0402A102CLJAP2L Datasheet HTML 2Page - Vishay Siliconix VJ0402A102CLJAP2L Datasheet HTML 3Page - Vishay Siliconix VJ0402A102CLJAP2L Datasheet HTML 4Page - Vishay Siliconix VJ0402A102CLJAP2L Datasheet HTML 5Page - Vishay Siliconix VJ0402A102CLJAP2L Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VJ High Rel C0G (NP0)
Surface Mount Multilayer Ceramic Chip Capacitors
for High Reliability Applications
Vishay Vitramon
Document Number: 45045
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com
Revision: 20-Feb-08
121
Note:
(1) See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
HIGH REL C0G (NP0)
EIA CODE
1808 (1)
1812 (1)
1825 (1)
2220 (1)
2225 (1)
VOLTAGE (Vdc)
25
50
100 200 500 25
50
100 200 500 25
50 100 200 500 25
50
100 200 500 25
50 100 200 500
VOLTAGE CODE
XA
B
C
E
X
A
B
C
E
X
A
B
C
E
X
A
B
C
E
X
A
B
C
E
CAP.
CODE
CAP.
100
10 pF
120
12 pF
150
15 pF
180
18 pF
220
22 pF
•••
270
27 pF
•••
330
33 pF
•••
390
39 pF
•••
470
47 pF
•••
••
560
56 pF
•••
••
680
68 pF
•••
••
820
82 pF
•••
••
101
100 pF
•••
••
••
121
120 pF
•••
••
••
••
151
150 pF
•••
••
••
••
181
180 pF
•••
••
••
••
221
220 pF
•••
••
••
••
271
270 pF
•••
••
••
••
331
330 pF
•••
••
••
••
391
390 pF
•••
••
••
••
471
470 pF
•••
••
••
••
561
560 pF
•••
••
••
••
681
680 pF
•••
••
••
••
821
820 pF
•••
••
••
••
102
1000 pF
•••
••
••
••
122
1200 pF
•••
••
••
••
152
1500 pF
•••
••
••
••
182
1800 pF
•••
••
••
••
222
2200 pF
••
••
••
••
272
2700 pF
••
••
••
••
332
3300 pF
••
••
••
••
392
3900 pF
••
••
••
••
472
4700 pF
••
••
562
5600 pF
••
••
682
6800 pF
••
••
••
822
8200 pF
••
103
0.010 µF
••
••
123
0.012 µF
••
••
153
0.015 µF
••
183
0.018 µF
••
223
0.022 µF
••
273
0.027 µF
••
333
0.033 µF
••
393
0.039 µF
••
473
0.047 µF
••
563
0.056 µF
••
683
0.068 µF


Similar Part No. - VJ0402A102CLJAP2L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402A102CBQAC VISHAY-VJ0402A102CBQAC Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402A102CEAAO34 VISHAY-VJ0402A102CEAAO34 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ0402A102CEJAO34 VISHAY-VJ0402A102CEJAO34 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ0402A102CEQAC VISHAY-VJ0402A102CEQAC Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402A102CEQAO34 VISHAY-VJ0402A102CEQAO34 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
More results

Similar Description - VJ0402A102CLJAP2L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJX8R VISHAY-VJX8R_14 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com