Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3440DV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI3440DV
Description  N-Channel 150-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3440DV Datasheet(HTML) 2 Page - Vishay Siliconix

  SI3440DV_08 Datasheet HTML 1Page - Vishay Siliconix SI3440DV_08 Datasheet HTML 2Page - Vishay Siliconix SI3440DV_08 Datasheet HTML 3Page - Vishay Siliconix SI3440DV_08 Datasheet HTML 4Page - Vishay Siliconix SI3440DV_08 Datasheet HTML 5Page - Vishay Siliconix SI3440DV_08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 72380
S-82114-Rev. C, 08-Sep-08
Vishay Siliconix
Si3440DV
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
24
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 150 V, VGS = 0 V
1
µA
VDS = 150 V, VGS = 0 V, TJ = 85 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
4A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 1.5 A
0.310
0.375
Ω
VGS = 6.0 V, ID = 1.4 A
0.330
0.400
Forward Transconductancea
gfs
VDS = 15 V, ID = 1.5 A
4.1
S
Diode Forward Voltagea
VSD
IS = 1.7 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 75 V, VGS = 10 V, ID = 1.5 A
5.4
8
nC
Gate-Source Charge
Qgs
1.1
Gate-Drain Charge
Qgd
1.9
Gate Resistance
Rg
f = 1 MHz
4
9
15
Ω
Turn-On Delay Time
td(on)
VDD = 75 V, RL = 75 Ω
ID ≅ 1 A, VGEN = 10 V, RG = 6 Ω
815
ns
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
20
30
Fall Time
tf
15
25
Source-Drain Reverse Recovery Time
trr
IF = 1.7 A, dI/dt = 100 A/µs
40
60
Output Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGS = 10 thru 5 V
4 V
VDS - Drain-to-Source Voltage (V)
3 V
Transfer Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
TC = 125 °C
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)


Similar Part No. - SI3440DV_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3440DV-T1-E3 VISHAY-SI3440DV-T1-E3 Datasheet
77Kb / 5P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 24-Nov-03
logo
VBsemi Electronics Co.,...
SI3440DV-T1-GE3 VBSEMI-SI3440DV-T1-GE3 Datasheet
1,004Kb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SI3440DV VISHAY-SI3440DV_V01 Datasheet
220Kb / 10P
   N-Channel 150-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI3440DV_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
   N-Channel 150 V (D-S) MOSFET
Rev. B, 30-Sep-13
logo
Analog Power
AM20N15-250B ANALOGPOWER-AM20N15-250B Datasheet
369Kb / 5P
   N-Channel 150-V (D-S) MOSFET
AM90N15-16B ANALOGPOWER-AM90N15-16B Datasheet
332Kb / 5P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SIR622DP VISHAY-SIR622DP Datasheet
422Kb / 13P
   N-Channel 150 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
   N-Channel 150-V (D-S) MOSFET
Rev. F, 06-Apr-09
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 26-May-03
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM1158N VBSEMI-VBM1158N Datasheet
658Kb / 8P
   N-Channel 150 V (D-S) MOSFET
15T15GH-HF VBSEMI-15T15GH-HF Datasheet
1Mb / 9P
   N-Channel 150 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com