Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACAS0612110R21K1P1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ACAS0612110R21K1P1
Description  Professional Thin Film Chip Resistor Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACAS0612110R21K1P1 Datasheet(HTML) 4 Page - Vishay Siliconix

  ACAS0612110R21K1P1 Datasheet HTML 1Page - Vishay Siliconix ACAS0612110R21K1P1 Datasheet HTML 2Page - Vishay Siliconix ACAS0612110R21K1P1 Datasheet HTML 3Page - Vishay Siliconix ACAS0612110R21K1P1 Datasheet HTML 4Page - Vishay Siliconix ACAS0612110R21K1P1 Datasheet HTML 5Page - Vishay Siliconix ACAS0612110R21K1P1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 28754
For technical questions, contact: filmresistors.thinfilmarray@vishay.com
www.vishay.com
Revision: 11-Sep-08
271
ACAC 0612, ACAS 0612 - Professional
Professional Thin Film Chip Resistor Array
Vishay Beyschlag
APPLICATION INFORMATION
DESCRIPTION
The production of the components is strictly controlled and
follows an extensive set of instructions established for
reproducibility. A homogeneous film of metal alloy is
deposited on a high grade (96 % Al2O3) ceramic substrate
and conditioned to achieve the desired temperature
coefficient. Specially designed inner contacts are realised on
both sides. A special laser is used to achieve the target value
by smoothly cutting a meander groove in the resistive layer
without damaging the ceramics.
The resistor elements are covered by a protective coating
designed for electrical, mechanical and climatic protection.
The terminations receive a final pure tin on nickel plating.
The result of the determined production is verified by an
extensive
testing
procedure
and
optical
inspection
performed on 100 % of the individual chip resistors. Only
accepted products are laid directly into the paper tape in
accordance with IEC 60286-3*.
ASSEMBLY
The resistors are suitable for processing on automatic
SMD assembly systems. They are suitable for automatic
soldering using reflow or vapour phase as shown in
IEC 61760-1*. For ACAC resistor arrays automatic soldering
using wave can also be used. The encapsulation is resistant
to all cleaning solvents commonly used in the electronics
industry, including alcohols, esters and aqueous solutions.
The suitability of conformal coatings, if applied, shall be
qualified by appropriate means to ensure the long-term
stability of the whole system. The resistors are RoHS
compliant; the pure tin plating provides compatibility with
lead (Pb)-free and lead-containing soldering processes. The
permitted storage time is 20 years, whereas the solderability
is specified for 2 years after production or requalification. The
immunity of the plating against tin whisker growth has been
proven under extensive testing.
All
products
comply
with
the
GADSL (1)
and
the
CEFIC-EECA-EICTA (2)
list
of
legal
restrictions
on
hazardous substances. This includes full compliance with
the following directives:
• 2000/53/EC End of Vehicle life Directive (ELV) and
Annex II (ELV II)
• 2002/95/EC Restriction of the use of Hazardous
Substances directive (RoHS)
• 2002/96/EC Waste Electrical and Electronic Equipment
Directive (WEEE)
APPROVALS
Where applicable, the resistors are tested in accordance with
EN 140401-801 which refers to EN 60115-1 and EN 140400.
Notes
(1) Global Automotive Declarable Substance List, see www.gadsl.org
(2) CEFIC (European Chemical Industry Council), EECA (European Electronic Component Manufacturers Association), EICTA (European trade
organisation representing the information and communications technology and consumer electronics), see www.eicta.org
→ issues →
environment policy
→ chemicals → chemicals for electronics
The quoted IEC standards marked with an asterisk (*) are also released as EN standards with the same number and identical contents
R1
R4
R3
R2
Circuit Type 03


Similar Part No. - ACAS0612110R21K1P1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0612110RA1K1ATP1 VISHAY-ACAS0612110RA1K1ATP1 Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAS0612110RA1K1ATP5 VISHAY-ACAS0612110RA1K1ATP5 Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAS0612110RA1K1P1 VISHAY-ACAS0612110RA1K1P1 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAS0612110RA1K1P5 VISHAY-ACAS0612110RA1K1P5 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAS0612110RA1K1PW VISHAY-ACAS0612110RA1K1PW Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
More results

Similar Description - ACAS0612110R21K1P1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACASPROF VISHAY-ACASPROF Datasheet
120Kb / 7P
   Professional Thin Film Chip Resistor Array
01-Jan-2022
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
TRA06E VISHAY-TRA06E Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com