Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACAC06121K1K220RP1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ACAC06121K1K220RP1
Description  Precision Thin Film Chip Resistor Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACAC06121K1K220RP1 Datasheet(HTML) 3 Page - Vishay Siliconix

  ACAC06121K1K220RP1 Datasheet HTML 1Page - Vishay Siliconix ACAC06121K1K220RP1 Datasheet HTML 2Page - Vishay Siliconix ACAC06121K1K220RP1 Datasheet HTML 3Page - Vishay Siliconix ACAC06121K1K220RP1 Datasheet HTML 4Page - Vishay Siliconix ACAC06121K1K220RP1 Datasheet HTML 5Page - Vishay Siliconix ACAC06121K1K220RP1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
For technical questions, contact: filmresistors.thinfilmarray@vishay.com
Document Number: 28751
278
Revision: 11-Sep-08
ACAC 0612, ACAS 0612 - Precision
Vishay Beyschlag
Precision Thin Film Chip Resistor Array
DIMENSIONS ACAS 0612 in millimeters
PATTERN STYLES FOR CHIP RESISTOR ARRAYS
Note
(1)
In applications with defined resistance ratios like voltage dividers or feedback circuits, an array with a defined tracking of e.g. 10 ppm/K is
required to replace discrete resistors with a temperature coefficient of ± 5 ppm/K. Furthermore, in order to achieve the same tolerance of
± 0.05 % of individual resistors, an array requires a matching of 0.1 %.
DIMENSIONS - chip resistor array, mass and relevant physical dimensions
TYPE
W
(mm)
L
(mm)
H
(mm)
P
(mm)
A1
(mm)
A
(mm)
T1
(mm)
T2
(mm)
MASS
(mg)
ACAS 0612
1.5 ± 0.15
3.2 ± 0.15
0.45 ± 0.1
0.8 ± 0.1
0.6 ± 0.15
0.4 ± 0.15
0.3 ± 0.15
0.4 ± 0.15
6.59
RECOMMENDED SOLDER PAD DIMENSIONS FOR CHIP RESISTOR ARRAYS
TYPE
G
(mm)
Y
(mm)
X
(mm)
U
(mm)
Z
(mm)
I
(mm)
P
(mm)
ACAC 0612
0.7
0.7
0.5
-
2.1
0.3
0.8
ACAS 0612
0.8
1.15
0.64
0.44
3.1
0.36
0.8
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
DESCRIPTION
RESISTANCE VALUE
ACCURACY
GRADE
ABSOLUTE TCR
TCR TRACKING (1)
ABSOLUTE
TOLERANCE
TOLERANCE
MATCHING (1)
ACAC 0612, ACAS 0612
A
± 25 ppm/K
10 ppm/K
± 0.25 %
0.1 %
47
Ω to 221 kΩ
B
± 25 ppm/K
10 ppm/K
± 0.5 %
0.25 %
47
Ω to 221 kΩ
E
± 25 ppm/K
15 ppm/K
± 0.25 %
0.1 %
47
Ω to 221 kΩ
F
± 25 ppm/K
15 ppm/K
± 0.5 %
0.25 %
47
Ω to 221 kΩ
J
± 25 ppm/K
25 ppm/K
± 0.25 %
0.1 %
47
Ω to 221 kΩ
K
± 25 ppm/K
25 ppm/K
± 0.5 %
0.25 %
47
Ω to 221 kΩ
N
± 50 ppm/K
25 ppm/K
± 0.5 %
0.5 %
47
Ω to 221 kΩ
P
± 50 ppm/K
50 ppm/K
± 0.5 %
0.5 %
47
Ω to 221 kΩ
T2
H
T1
A1
A
A
0.1
Z
G
Y
UI
X
ACAS 0612
Dimensions in mm
limits for solder resistance
0.1
Z
P
G
Y
I
X
ACAC 0612
P


Similar Part No. - ACAC06121K1K220RP1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAC06121K111K1P1 VISHAY-ACAC06121K111K1P1 Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC06121K111K1P5 VISHAY-ACAC06121K111K1P5 Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC06121K111K1PW VISHAY-ACAC06121K111K1PW Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC06121K11220RP1 VISHAY-ACAC06121K11220RP1 Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC06121K11220RP5 VISHAY-ACAC06121K11220RP5 Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
More results

Similar Description - ACAC06121K1K220RP1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
   Precision Thin Film Chip Resistor
logo
Vishay Siliconix
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACAC0612 VISHAY-ACAC0612_1 Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com