Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3447CDV-T1-E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI3447CDV-T1-E3
Description  P-Channel 12-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3447CDV-T1-E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  SI3447CDV-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI3447CDV-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI3447CDV-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI3447CDV-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI3447CDV-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI3447CDV-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI3447CDV-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
6
Document Number: 69784
S-80189-Rev. A, 04-Feb-08
Vishay Siliconix
Si3447CDV
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?69784.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
1000
10-1
10-4
100
0.2
0.1
0.05
Square WavePulse Duration (s)
1
0.1
0.01
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 90 °C/W
3. TJM - TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
0.02
Single Pulse
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
0
1
1
10-1
10-4
0.2
0.1
Duty Cycle = 0.5
Square WavePulse Duration (s)
1
0.1
0.01
Single Pulse
0.02
0.05


Similar Part No. - SI3447CDV-T1-E3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI3447CDV-T1-GE3 VBSEMI-SI3447CDV-T1-GE3 Datasheet
440Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI3447CDV-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com