Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNS471Q5 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CNS471Q5
Description  Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNS471Q5 Datasheet(HTML) 1 Page - Vishay Siliconix

  CNS471Q5 Datasheet HTML 1Page - Vishay Siliconix CNS471Q5 Datasheet HTML 2Page - Vishay Siliconix CNS471Q5 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Decade Divider, Single-In-Line
Thin Film Resistor Networks (Standard)
CNS 471
Vishay Sfernice
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 60043
86
Revision: 12-Jul-06
Using these integrated thin film networks instead of discrete
resistor sets, designers gain several advantages: smaller
size, better overall tracking, greater reliability, and lower
cost.
FEATURES
• Low voltage coefficient < 0.02 ppm/V
• Low noise index < - 30 dB
• High stability 0.01 % on ratio (1000 h at Pn at
+ 70 °C)
• Standard
TYPICAL PERFORMANCE
SCHEMATIC
ABS
TRACKING
TCR
< 25 ppm/°C
< 2.5 ppm/°C
ABS
RATIO
TOL.
0.1 %
0.03 %
RoHS
COMPLIANT
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
MATERIAL
PASSIVATED NICHROME
Resistance range
100
Ω to 10 MΩ
TCR
Tracking
< 2.5 ppm/°C
Except for 100R (5 ppm/°C)
Absolute
< 25 ppm/°C
(0 °C to + 70 °C)
Toleracne
Ratio
A = ± 0.05 %, B = ± 0.1 %, C = ± 0.03 %
Absolute
± 0.1 %
(0 °C to + 70 °C)
Power rating
Resistor
0.1 W
Package
0.6 W
(0 °C to + 70 °C)
Stability
ΔR Ratio
0.01 % typical
1000 h at + 70 °C at Pn
Voltage coefficient
< 0.02 ppm/V
Working voltage
1200 V
Operating temperature range
0 °C; + 70 °C
Storage temperature range
- 55 °C to + 155 °C
Noise
< - 30 dB typical
Thermal EMF
0.1 µV/°C
Shelf life stability (Ratio)
50 ppm
1 year
13
24
5
8
5 Decades
6 Decades
13
24
5
9
6


Similar Part No. - CNS471Q5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNS471Q5 VISHAY-CNS471Q5 Datasheet
348Kb / 2P
   Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
Revision: 12-Jul-06
CNS471Q5 VISHAY-CNS471Q5 Datasheet
91Kb / 3P
   Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
Revision: 28-Aug-13
CNS471Q5 VISHAY-CNS471Q5 Datasheet
84Kb / 3P
   Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
01-Jan-2022
More results

Similar Description - CNS471Q5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNS471 VISHAY-CNS471 Datasheet
348Kb / 2P
   Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
Revision: 12-Jul-06
CNS471 VISHAY-CNS471_17 Datasheet
91Kb / 3P
   Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
Revision: 28-Aug-13
CNS471 VISHAY-CNS471_V01 Datasheet
84Kb / 3P
   Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
01-Jan-2022
100267 VISHAY-100267 Datasheet
70Kb / 3P
   Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network
01-Jan-2022
logo
Bi technologies
694 BITECH-694 Datasheet
101Kb / 5P
   Dual In-Line Precision Thin Film Resistor Networks
logo
Vishay Siliconix
VTF2 VISHAY-VTF2 Datasheet
751Kb / 9P
   Conformal, Single In-Line Resistor Networks (Standard)
Revision: 05-Mar-08
100-267 VISHAY-100-267 Datasheet
227Kb / 3P
   Decade Divider, Single In-Line Network
Revision: 03-Aug-07
logo
List of Unclassifed Man...
RN1220 ETC-RN1220 Datasheet
45Kb / 1P
   Thin Film Chip Resistor Networks
logo
Bi technologies
688 BITECH-688_12 Datasheet
351Kb / 4P
   Precision Thin Film .300??Dual In-Line Surface Mount Resistor Networks
logo
Vishay Siliconix
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com