Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4340CDY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4340CDY
Description  Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4340CDY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4340CDY Datasheet HTML 1Page - Vishay Siliconix SI4340CDY Datasheet HTML 2Page - Vishay Siliconix SI4340CDY Datasheet HTML 3Page - Vishay Siliconix SI4340CDY Datasheet HTML 4Page - Vishay Siliconix SI4340CDY Datasheet HTML 5Page - Vishay Siliconix SI4340CDY Datasheet HTML 6Page - Vishay Siliconix SI4340CDY Datasheet HTML 7Page - Vishay Siliconix SI4340CDY Datasheet HTML 8Page - Vishay Siliconix SI4340CDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
Si4340CDY
New Product
Document Number: 68398
S-81547-Rev. B, 07-Jul-08
www.vishay.com
1
Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
FEATURES
TrenchFET® Power MOSFET
100 % Rg Tested
100 % UIS Tested
APPLICATIONS
DC/DC Converters
- Game Stations
- Notebook PC Logic
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
Channel-1
20
0.0094 at VGS = 10 V
14.1
9.6
0.0125 at VGS = 4.5 V
12.2
Channel-2
20
0.008 at VGS = 10 V
20
14.1
0.0095 at VGS = 4.5 V
18.9
SCHOTTKY PRODUCT SUMMARY
VDS (V)
VSD (V) Diode Forward Voltage
IF (A)
20
0.55 V at 2.5 A
2
D1
S1
D1
S1
G1
D2
G2
D2
SO-14
11
12
13
14
Top View
2
3
4
1
S2
D2
S2
D2
S2
D2
8
9
10
5
6
7
Ordering Information: Si4340CDY-T1-E3 (Lead (Pb)-free)
G1
S1
D1
N-Channel 1
MOSFET
G2
S2
D2
N-Channel 2
MOSFET
Schottky Diode
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions for channel 1 is 110 °C/W and channel 2 is 87 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Channel-1
Channel-2
Unit
Drain-Source Voltage
VDS
20
20
V
Gate-Source Voltage
VGS
± 20
± 16
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
14.1
20
A
TC = 70 °C
11.2
16.5
TA = 25 °C
11.5b, c
15.2b, c
TA = 70 °C
9.2b, c
12.2b, c
Pulsed Drain Current
IDM
40
50
Source-Drain Current Diode Current
TC = 25 °C
IS
2.5
4.5
TA = 25 °C
1.7b, c
2.5b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
5
Single Pulse Avalanche Energy
EAS
1.25
mJ
Maximum Power Dissipation
TC = 25 °C
PD
35.4
W
TC = 70 °C
1.9
3.5
TA = 25 °C
2b, c
3b, c
TA = 70 °C
1.3b, c
1.9b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Channel-1
Channel-2
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
53
62.5
35
42
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
35
42
18
23
RoHS
COMPLIANT


Similar Part No. - SI4340CDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4340CDY VISHAY-SI4340CDY Datasheet
1Mb / 12P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4340CDY VISHAY-SI4340CDY_V01 Datasheet
1Mb / 12P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results

Similar Description - SI4340CDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4340DDY VISHAY-SI4340DDY Datasheet
230Kb / 15P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
Rev. A, 02-Mar-11
SI4340DY VISHAY-SI4340DY_V01 Datasheet
147Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4340DY VISHAY-SI4340DY Datasheet
102Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 15-Sep-03
SI7980DP VISHAY-SI7980DP_V01 Datasheet
345Kb / 18P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI7980DP VISHAY-SI7980DP Datasheet
538Kb / 18P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-08
SI4340CDY VISHAY-SI4340CDY_V01 Datasheet
1Mb / 12P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
logo
Analog Power
AM3826N ANALOGPOWER-AM3826N Datasheet
286Kb / 5P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
logo
Vishay Siliconix
SI3812DV VISHAY-SI3812DV_08 Datasheet
111Kb / 7P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. E, 18-Aug-03
SI5858DU VISHAY-SI5858DU Datasheet
126Kb / 10P
   N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 23-Jun-08
SI3812DV VISHAY-SI3812DV Datasheet
52Kb / 6P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. D, 16-Apr-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com