Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5404BDC-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI5404BDC-T1-E3
Description  N-Channel 2.5-V (G-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5404BDC-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI5404BDC-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI5404BDC-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI5404BDC-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI5404BDC-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI5404BDC-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI5404BDC-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
D TrenchFETr Power MOSFET
Si5404BDC
Vishay Siliconix
New Product
Document Number: 73102
S-41826—Rev. A, 11-Oct-04
www.vishay.com
1
N-Channel 2.5-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
Qg (Typ)
20
0.028 @ VGS = 4.5 V
7.5
63
20
0.039 @ VGS = 2.5 V
6.3
6.3
1206-8 ChipFE
Tr
D
D
D
G
D
D
D
S
1
Bottom View
Marking Code
AE XXX
Lot Traceability
and Date Code
Part # Code
N-Channel MOSFET
G
D
S
Ordering Information:
Si5404BDC-T1—E3
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
"12
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
7.5
5.4
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
5.4
3.9
A
Pulsed Drain Current
IDM
20
A
Continuous Source Current (Diode Conduction)a
IS
2.1
1.1
Maximum Power Dissipationa
TA = 25_C
PD
2.5
1.3
W
Maximum Power Dissipationa
TA = 85_C
PD
1.3
0.7
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
Soldering Recommendations (Peak Temperature)b, c
260
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 5 sec
R
45
50
Maximum Junction-to-Ambienta
Steady State
RthJA
80
95
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
18
22
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singulation
process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder intercon-
nection.
c.
Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.


Similar Part No. - SI5404BDC-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5404BDC VISHAY-SI5404BDC Datasheet
32Kb / 3P
   Specification Comparison
08-Sep-04
More results

Similar Description - SI5404BDC-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9428DY VISHAY-SI9428DY Datasheet
38Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 26-May-03
SI5404DC VISHAY-SI5404DC Datasheet
66Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5406DC VISHAY-SI5406DC Datasheet
98Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
logo
Guangdong Kexin Industr...
KI5404BDC KEXIN-KI5404BDC Datasheet
63Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3442BDV VISHAY-SI3442BDV_17 Datasheet
189Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
SI9426DY VISHAY-SI9426DY Datasheet
39Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 26-May-03
SI4466DY-T1-E3 VISHAY-SI4466DY-T1-E3 Datasheet
230Kb / 8P
   N-Channel 2.5-V (G-S) MOSFET
Rev. F, 04-May-09
SI6466ADQ VISHAY-SI6466ADQ Datasheet
81Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. B, 18-Aug-03
SI3442BDV-T1-GE3 VISHAY-SI3442BDV-T1-GE3 Datasheet
185Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
logo
Guangdong Kexin Industr...
KI5406DC KEXIN-KI5406DC Datasheet
62Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3446DV VISHAY-SI3446DV Datasheet
91Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 01-Aug-05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com