Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACAS06121K1A22K1P1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ACAS06121K1A22K1P1
Description  Precision Thin Film Chip Resistor Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACAS06121K1A22K1P1 Datasheet(HTML) 1 Page - Vishay Siliconix

  ACAS06121K1A22K1P1 Datasheet HTML 1Page - Vishay Siliconix ACAS06121K1A22K1P1 Datasheet HTML 2Page - Vishay Siliconix ACAS06121K1A22K1P1 Datasheet HTML 3Page - Vishay Siliconix ACAS06121K1A22K1P1 Datasheet HTML 4Page - Vishay Siliconix ACAS06121K1A22K1P1 Datasheet HTML 5Page - Vishay Siliconix ACAS06121K1A22K1P1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.vishay.com
For technical questions, contact: filmresistors.thinfilmarray@vishay.com
Document Number: 28751
276
Revision: 11-Sep-08
ACAC 0612, ACAS 0612 - Precision
Vishay Beyschlag
Precision Thin Film Chip Resistor Array
ACAC 0612 (concave terminations) and ACAS 0612 (convex
terminations) thin chip resistor arrays combine the proven
reliability of precision thin film chip resistor products with the
advantages of chip resistor arrays. Defined tolerance
matching and TCR tracking makes this product perfectly
suited for applications with outstanding requirements
towards stable fixed resistor ratios. A small package enables
the design of high density circuits in combination with
reduction of assembly costs. Four equal resistor values or
two pairs are available.
FEATURES
• Advanced thin film technology
• Two pairs or four equal resistor values
• TCR tracking down to 10 ppm/K (± 5 ppm/K)
• Tolerance matching down to 0.1 % (± 0.05 %)
• Pure Sn termination on Ni barrier layer
RoHS compliant component, compatible with lead (Pb)-free
and lead containing soldering processes
APPLICATIONS
• Precision analogue circuits
• Voltage divider
• Feedback circuits
• Signal conditioning
Notes
(1) Resistance values to be selected from E24, E48 and E96
(2) Higher resistance ratio is available on request
(3) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat-flow support of the printed
circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature is not exceeded. Furthermore, a high
level of ambient temperature or of power dissipation may raise the temperature of the solder joint, hence special solder alloys or board
materials may be required to maintain the reliability of the assembly.
(4) For higher max. film temperature and AEC-Q200 qualification please refer to data sheet “Automotive Precision Thin Film Chip Resistor Array“
available on our web site at www.vishay.com
These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime.
TECHNICAL SPECIFICATIONS
DESCRIPTION
ACAC 0612, ACAS 0612
EIA size
0612
Metric size
RR1632M
Configuration, isolated
4 x 0603
Design:
All Equal
AE
Two Pairs
TP
Resistance values
47
Ω to 221 kΩ (1)
Absolute tolerance
± 0.5 %; ± 0.25 %
Tolerance matching
0.5 % (equivalent to ± 0.25 %)
0.25 % (equivalent to ± 0.125 %)
0.1 % (equivalent to ± 0.05 %)
Absolute temperature coefficient
± 50 ppm/K; ± 25 ppm/K
Temperature coefficient tracking
50 ppm/K (equivalent to ± 25 ppm/K)
25 ppm/K (equivalent to ± 12.5 ppm/K)
15 ppm/K (equivalent to ± 7.5 ppm/K)
10 ppm/K (equivalent to ± 5 ppm/K)
Max. resistance ratio Rmin./Rmax.
1:5 (2)
Rated dissipation: P70 (3)
Element
0.1 W
Package, 4 x 0603
0.3 W
Operating voltage
75 V
Film temperature
125
°C (4)
Insulation voltage (Uins) against ambient and between isolated
resistors, continuous
75 V


Similar Part No. - ACAS06121K1A22K1P1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS06121K1A22K1ATP1 VISHAY-ACAS06121K1A22K1ATP1 Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAS06121K1A22K1ATP5 VISHAY-ACAS06121K1A22K1ATP5 Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
More results

Similar Description - ACAS06121K1A22K1P1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
   Precision Thin Film Chip Resistor
logo
Vishay Siliconix
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACAC0612 VISHAY-ACAC0612_1 Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com