Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17F-2X006 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CNY17F-2X006
Description  Optocoupler, Phototransistor Output,no Base Connection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17F-2X006 Datasheet(HTML) 5 Page - Vishay Siliconix

  CNY17F-2X006 Datasheet HTML 1Page - Vishay Siliconix CNY17F-2X006 Datasheet HTML 2Page - Vishay Siliconix CNY17F-2X006 Datasheet HTML 3Page - Vishay Siliconix CNY17F-2X006 Datasheet HTML 4Page - Vishay Siliconix CNY17F-2X006 Datasheet HTML 5Page - Vishay Siliconix CNY17F-2X006 Datasheet HTML 6Page - Vishay Siliconix CNY17F-2X006 Datasheet HTML 7Page - Vishay Siliconix CNY17F-2X006 Datasheet HTML 8Page - Vishay Siliconix CNY17F-2X006 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 83607
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 07-May-08
225
CNY17F
Optocoupler, Phototransistor Output,
no Base Connection
Vishay Semiconductors
Fig. 3 - Current Transfer Ratio vs. Diode Current
Fig. 4 - Current Transfer Ratio vs. Diode Current
Fig. 5 - Current Transfer Ratio vs. Diode Current
Fig. 6 - Current Transfer Ratio vs. Diode Current
Fig. 7 - Current Transfer Ratio vs. Diode Current
Fig. 8 - Current Transfer Ratio (CTR) vs. Temperature
1000
1
2
3
4
100
10
1
0.1
10
1
I
F (mA)
icny17f_03
(T
A = - 25 ˚C, VCE = 5 V)
I
C/IF = f (IF)
1
2
3
4
icny17f_04
1000
100
10
1
0.1
10
1
I
F (mA)
(T
A = 0 ˚C, VCE = 5 V)
I
C/IF = f (IF)
1
2
3
4
icny17f_05
1000
100
10
1
0.1
10
1
I
F (mA)
(T
A = 25 ˚C, VCE = 5 V)
I
C/IF = f (IF)
1
2
3
4
icny17f_06
1000
100
10
1
0.1
10
1
I
F (mA)
(T
A = 50 ˚C, VCE = 5 V)
I
C/IF = f (IF)
1
2
3
4
icny17f_07
1000
100
10
1
0.1
10
1
I
F (mA)
(T
A = 75 ˚C, VCE = 5 V)
I
C/IF = f (IF)
- 25
75
25
050
T
A (°C)
icny17f_08
1
2
3
4
1000
100
10
(I
F = 10 mA, VCE = 5 V)
I
C/IF = f (T)


Similar Part No. - CNY17F-2X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17F-2X006 VISHAY-CNY17F-2X006 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
CNY17F-2X006 VISHAY-CNY17F-2X006 Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
CNY17F-2X006 VISHAY-CNY17F-2X006 Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
CNY17F-2X006 VISHAY-CNY17F-2X006 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results

Similar Description - CNY17F-2X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MOC8101 VISHAY-MOC8101_V02 Datasheet
162Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
CNY17F-2X016 VISHAY-CNY17F-2X016 Datasheet
193Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.0, 25-Oct-12
CNY17F VISHAY-CNY17F Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
MOC8101 VISHAY-MOC8101_11 Datasheet
168Kb / 7P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 1.6, 13-Sep-11
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
CNY17F-3X001 VISHAY-CNY17F-3X001 Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
MOC8111 VISHAY-MOC8111 Datasheet
107Kb / 5P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
CNY17F VISHAY-CNY17F_V02 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
MOC8101 VISHAY-MOC8101 Datasheet
129Kb / 7P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
MOC8104 VISHAY-MOC8104_V01 Datasheet
161Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com