Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17G-1 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # CNY17G-1
Description  Optocoupler, Phototransistor Output,with Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17G-1 Datasheet(HTML) 7 Page - Vishay Siliconix

  CNY17G-1 Datasheet HTML 1Page - Vishay Siliconix CNY17G-1 Datasheet HTML 2Page - Vishay Siliconix CNY17G-1 Datasheet HTML 3Page - Vishay Siliconix CNY17G-1 Datasheet HTML 4Page - Vishay Siliconix CNY17G-1 Datasheet HTML 5Page - Vishay Siliconix CNY17G-1 Datasheet HTML 6Page - Vishay Siliconix CNY17G-1 Datasheet HTML 7Page - Vishay Siliconix CNY17G-1 Datasheet HTML 8Page - Vishay Siliconix CNY17G-1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 83886
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.4, 08-May-08
235
CNY17G
Optocoupler, Phototransistor Output,
with Base Connection
Vishay Semiconductors
PACKAGE DIMENSIONS in millimeters
14771
8.8 max.
8.6 max.
0.3 max.
6.4 max.
1.54
technical drawings
according to DIN
specifications
Weight: ca. 0.50 g
Creepage distance: > 8 mm
Air path: > 8 mm
after mounting on PC board
10.16 ± 0.2
7.62 ± 0.1
2.54 nom.
5.08 nom.
0.58 max.
1 2 3
6
5
4
0.4
0.3
B
A
A
B


Similar Part No. - CNY17G-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17G-1 VISHAY-CNY17G-1 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results

Similar Description - CNY17G-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com