Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17F-3X007 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # CNY17F-3X007
Description  Optocoupler, Phototransistor Output,no Base Connection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17F-3X007 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button CNY17F-3X007 Datasheet HTML 2Page - Vishay Siliconix CNY17F-3X007 Datasheet HTML 3Page - Vishay Siliconix CNY17F-3X007 Datasheet HTML 4Page - Vishay Siliconix CNY17F-3X007 Datasheet HTML 5Page - Vishay Siliconix CNY17F-3X007 Datasheet HTML 6Page - Vishay Siliconix CNY17F-3X007 Datasheet HTML 7Page - Vishay Siliconix CNY17F-3X007 Datasheet HTML 8Page - Vishay Siliconix CNY17F-3X007 Datasheet HTML 9Page - Vishay Siliconix CNY17F-3X007 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83607
228
Rev. 1.5, 07-May-08
CNY17F
Vishay Semiconductors
Optocoupler, Phototransistor Output,
no Base Connection
PACKAGE DIMENSIONS in inches (millimeters)
i178004
0.010 (0.25)
typ.
0.114 (2.90)
0.130 (3.0)
0.130 (3.30)
0.150 (3.81)
0.031 (0.80) min.
0.300 (7.62)
typ.
0.031 (0.80)
0.035 (0.90)
0.100 (2.54) typ.
0.039
(1.00)
min.
0.018 (0.45)
0.022 (0.55)
0.048
0.022 (0.55)
0.248 (6.30)
0.256 (6.50)
0.335 (8.50)
0.343 (8.70)
Pin one ID
6
5
4
1
2
3
18°
3° to 9°
0.300 to 0.347
(7.62 to 8.81)
typ.
ISO method A
(0.45)
min.
0.315 (8.00)
0.020 (0.51 )
0.040 (1.02 )
0.300 (7.62)
ref.
0.375 (9.53)
0.395 (10.03 )
0.012 (0.30 ) typ
0.0040 (0.102)
0.0098 (0.249)
15° max.
Option 9
0.014 (0.35)
0.010 (0.25)
0.400 (10.16)
0.430 (10.92)
0.307 (7.8)
0.291 (7.4)
0.407 (10.36)
0.391 (9.96)
Option 6
0.315 (8.0)
min.
0.300 (7.62)
typ.
0.180(4.6)
0.160 (4.1)
0.331 (8.4)
min.
0.406 (10.3)
max.
0.028 (0.7)
Option 7
18450


Similar Part No. - CNY17F-3X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
CNY17F-3X007T VISHAY-CNY17F-3X007T Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
CNY17F-3X007T VISHAY-CNY17F-3X007T Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
CNY17F-3X007T VISHAY-CNY17F-3X007T Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results

Similar Description - CNY17F-3X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MOC8101 VISHAY-MOC8101_V02 Datasheet
162Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
CNY17F-2X016 VISHAY-CNY17F-2X016 Datasheet
193Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.0, 25-Oct-12
CNY17F VISHAY-CNY17F Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
MOC8101 VISHAY-MOC8101_11 Datasheet
168Kb / 7P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 1.6, 13-Sep-11
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
CNY17F-3X001 VISHAY-CNY17F-3X001 Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
MOC8111 VISHAY-MOC8111 Datasheet
107Kb / 5P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
CNY17F VISHAY-CNY17F_V02 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
MOC8101 VISHAY-MOC8101 Datasheet
129Kb / 7P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
MOC8104 VISHAY-MOC8104_V01 Datasheet
161Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com