Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17F-3X007 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CNY17F-3X007
Description  Optocoupler, Phototransistor Output,no Base Connection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17F-3X007 Datasheet(HTML) 2 Page - Vishay Siliconix

  CNY17F-3X007 Datasheet HTML 1Page - Vishay Siliconix CNY17F-3X007 Datasheet HTML 2Page - Vishay Siliconix CNY17F-3X007 Datasheet HTML 3Page - Vishay Siliconix CNY17F-3X007 Datasheet HTML 4Page - Vishay Siliconix CNY17F-3X007 Datasheet HTML 5Page - Vishay Siliconix CNY17F-3X007 Datasheet HTML 6Page - Vishay Siliconix CNY17F-3X007 Datasheet HTML 7Page - Vishay Siliconix CNY17F-3X007 Datasheet HTML 8Page - Vishay Siliconix CNY17F-3X007 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83607
222
Rev. 1.5, 07-May-08
CNY17F
Vishay Semiconductors
Optocoupler, Phototransistor Output,
no Base Connection
Note
Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied
at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for
extended periods of the time can adversely affect reliability.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6.0
V
DC forward current
IF
60
mA
Surge forward current
t
≤ 10 µs
IFSM
2.5
A
Power dissipation
Pdiss
100
mW
OUTPUT
Collector emitter breakdown voltage
BVCEO
70
V
Collector current
IC
50
mA
t
≤ 1.0 ms
IC
100
mA
Total power dissipation
Pdiss
150
mW
COUPLER
Isolation test voltage
between emitter and detector referred to
standard climate 23/50 DIN 50014
VISO
5300
VRMS
Creepage
≥ 7.0
mm
Clearance
≥ 7.0
mm
Isolation thickness between
emitter and detector
≥ 0.4
mm
Comparative tracking index
per DIN IEC 112/VDE 0303, part 1
175
Isolation resistance
VIO = 500 V
RIO
≥ 1011
Ω
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature range
Tamb
- 55 to + 100
°C
Junction temperature
Tj
100
°C
Soldering temperature
max. 10 s, dip soldering: distance to
seating plane
≥ 1.5 mm
Tsld
260
°C
ELECTRICAL CHARACTERISTCS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 60 mA
VF
1.25
1.65
V
Breakdown voltage
IR = 10 µA
VBR
6.0
V
Reverse current
VR = 6.0 V
IR
0.01
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz
CO
25
pF
Thermal resistance
Rth
750
K/W
OUTPUT
Collector emitter capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
5.2
pF
Base collector capacitance
VCE = 5.0 V, f = 1.0 MHz
CBC
6.5
pF
Emitter base capacitance
VCE = 5.0 V, f = 1.0 MHz
CEB
7.5
pF
Thermal resistance
Rth
500
K/W


Similar Part No. - CNY17F-3X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
CNY17F-3X007T VISHAY-CNY17F-3X007T Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
CNY17F-3X007T VISHAY-CNY17F-3X007T Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
CNY17F-3X007T VISHAY-CNY17F-3X007T Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results

Similar Description - CNY17F-3X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MOC8101 VISHAY-MOC8101_V02 Datasheet
162Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
CNY17F-2X016 VISHAY-CNY17F-2X016 Datasheet
193Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.0, 25-Oct-12
CNY17F VISHAY-CNY17F Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
MOC8101 VISHAY-MOC8101_11 Datasheet
168Kb / 7P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 1.6, 13-Sep-11
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
CNY17F-3X001 VISHAY-CNY17F-3X001 Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
MOC8111 VISHAY-MOC8111 Datasheet
107Kb / 5P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
CNY17F VISHAY-CNY17F_V02 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
MOC8101 VISHAY-MOC8101 Datasheet
129Kb / 7P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
MOC8104 VISHAY-MOC8104_V01 Datasheet
161Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com