Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17F-4X006 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # CNY17F-4X006
Description  Optocoupler, Phototransistor Output,no Base Connection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17F-4X006 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button CNY17F-4X006 Datasheet HTML 2Page - Vishay Siliconix CNY17F-4X006 Datasheet HTML 3Page - Vishay Siliconix CNY17F-4X006 Datasheet HTML 4Page - Vishay Siliconix CNY17F-4X006 Datasheet HTML 5Page - Vishay Siliconix CNY17F-4X006 Datasheet HTML 6Page - Vishay Siliconix CNY17F-4X006 Datasheet HTML 7Page - Vishay Siliconix CNY17F-4X006 Datasheet HTML 8Page - Vishay Siliconix CNY17F-4X006 Datasheet HTML 9Page - Vishay Siliconix CNY17F-4X006 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83607
226
Rev. 1.5, 07-May-08
CNY17F
Vishay Semiconductors
Optocoupler, Phototransistor Output,
no Base Connection
Fig. 9 - Output Characteristics CNY17F-2, -3
Fig. 10 - Forward Voltage
Fig. 11 - Collector Emitter Off-state Current
Fig. 12 - Saturation Voltage vs.
Collector Current and Modulation Depth CNY17F-1
Fig. 13 - Saturation Voltage vs.
Collector Current and Modulation Depth CNY17F-2
Fig. 14 - Saturation Voltage vs.
Collector Current and Modulation Depth CNY17F-3
40
30
10
20
0
015
10
5
V
CE (V)
icny17f_09
I
F = 14 mA
I
F =
12 mA
I
F =10 mA
I
F = 7 mA
I
F = 5 mA
I
F = 2 mA
I
F = 1 mA
(T
A = 25 °C) IC = f (VCE)
1.2
1.1
1.0
0.9
0.1
10
100
1
I
F (mA)
icny17f_10
V
F = f (IF)
25 °C
50 °C
75 °C
1
0.1
0.01
0.001
0
25
50
75
100
T
A (°C)
icny17f_11
V
CE = 12 V
V
CE = 35 V
I
CEO = f (V,T)
(T
A = 75 °C, IF = 0)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
1
10
100
I
C (mA)
icny17f_12
I
F = 3 x IC
V
CEsat = f (IC) (TA = 25 °C)
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
1
10
100
I
C (mA)
icny17f_13
I
F = 2 x IC
I
F = 3 x IC
V
CEsat = f (IC) (TA = 25 °C)
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1
10
100
I
C (mA)
icny17f_14
I
F = 2 x IC
I
F = 3 x IC
I
F = IC
V
CEsat = f (IC) (TA = 25 °C)


Similar Part No. - CNY17F-4X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17F-4X006 VISHAY-CNY17F-4X006 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
CNY17F-4X006 VISHAY-CNY17F-4X006 Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
CNY17F-4X006 VISHAY-CNY17F-4X006 Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
CNY17F-4X006 VISHAY-CNY17F-4X006 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results

Similar Description - CNY17F-4X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MOC8101 VISHAY-MOC8101_V02 Datasheet
162Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
CNY17F-2X016 VISHAY-CNY17F-2X016 Datasheet
193Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.0, 25-Oct-12
CNY17F VISHAY-CNY17F Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
MOC8101 VISHAY-MOC8101_11 Datasheet
168Kb / 7P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 1.6, 13-Sep-11
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
CNY17F-3X001 VISHAY-CNY17F-3X001 Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
MOC8111 VISHAY-MOC8111 Datasheet
107Kb / 5P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
CNY17F VISHAY-CNY17F_V02 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
MOC8101 VISHAY-MOC8101 Datasheet
129Kb / 7P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
MOC8104 VISHAY-MOC8104_V01 Datasheet
161Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com