Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY64B Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CNY64B
Description  Optocoupler, Phototransistor Output,Very High Isolation Voltage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY64B Datasheet(HTML) 5 Page - Vishay Siliconix

  CNY64B Datasheet HTML 1Page - Vishay Siliconix CNY64B Datasheet HTML 2Page - Vishay Siliconix CNY64B Datasheet HTML 3Page - Vishay Siliconix CNY64B Datasheet HTML 4Page - Vishay Siliconix CNY64B Datasheet HTML 5Page - Vishay Siliconix CNY64B Datasheet HTML 6Page - Vishay Siliconix CNY64B Datasheet HTML 7Page - Vishay Siliconix CNY64B Datasheet HTML 8Page - Vishay Siliconix CNY64B Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83540
240
Rev. 1.7, 20-Oct-08
CNY64, CNY65, CNY66
Vishay Semiconductors
Optocoupler, Phototransistor Output,
Very High Isolation Voltage
Fig. 8 - Relative Current Transfer Ratio vs.
Ambient Temperature
Fig. 9 - Collector Dark Current vs. Ambient Temperature
Fig. 10 - Collector Current vs. Forward Current
Fig. 11 - Collector Current vs. Collector Emitter Voltage
Fig. 12 - Collector Emitter Saturation Voltage vs.
Collector Current
Fig. 13 - Current Transfer Ratio vs. Forward Current
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
- 30 - 20 - 10 0 10 20 30 40 50 60 70 80
Tamb - Ambient Temperature (°C)
96 11911
V
CE = 5 V
I
F = 10 mA
1
10
100
1000
0 1020 3040 5060 70 80 90 100
Tamb - Ambient Temperature (°C)
96 12000
V
CE = 20 V
I
F = 0
0.1
1
10
0.01
0.1
1
100
IF - Forward Current (mA)
100
95 11012
10
V
CE = 5 V
0.1
1
10
0.1
1
10
100
VCE - Collector Emitter Voltage (V)
100
95 11013
5 mA
2 mA
1 mA
I
F = 50 mA
10 mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
10
100
IC - Collector Current (mA)
96 11912
CTR = 50 %
10 %
20 %
0.1
1
10
1
10
100
1000
IF - Forward Current (mA)
100
95 11015
V
CE = 5 V


Similar Part No. - CNY64B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64B VISHAY-CNY64B Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CNY64B VISHAY-CNY64B Datasheet
198Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.6, 26-Oct-04
logo
Everlight Electronics C...
CNY64B EVERLIGHT-CNY64B Datasheet
430Kb / 11P
   4 PIN DIP VERY HIGH ISOLATION VOLTAGE PHOTOCOUPLER
logo
Vishay Siliconix
CNY64B VISHAY-CNY64B Datasheet
164Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
More results

Similar Description - CNY64B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64AYST VISHAY-CNY64AYST Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AYST VISHAY-CNY64AYST_V01 Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY66 VISHAY-CNY66_V01 Datasheet
164Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64AYST VISHAY-CNY64AYST_14 Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.1, 26-Jun-14
CNY651 VISHAY-CNY651 Datasheet
152Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 12-Feb-14
CNY64 VISHAY-CNY64_05 Datasheet
198Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.6, 26-Oct-04
CNY651 VISHAY-CNY651_V01 Datasheet
179Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64ST VISHAY-CNY64ST Datasheet
164Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AYST VISHAY-CNY64AYST_V02 Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
CNY651 VISHAY-CNY651_V02 Datasheet
180Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com