Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5499DC-T1-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI5499DC-T1-E3
Description  P-Channel 1.5-V (G-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5499DC-T1-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI5499DC-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI5499DC-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI5499DC-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI5499DC-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI5499DC-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI5499DC-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI5499DC-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI5499DC-T1-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 73321
S-80193-Rev. B, 04-Feb-08
www.vishay.com
3
Vishay Siliconix
Si5499DC
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 6
A
Pulse Diode Forward Current
ISM
- 25
Body Diode Voltage
VSD
IS = - 2.1 A, VGS = 0 V
- 0.7
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 5.6 A, di/dt = 100 A/µs, TJ = 25 °C
45
70
ns
Body Diode Reverse Recovery Charge
Qrr
18
27
nC
Reverse Recovery Fall Time
ta
18
ns
Reverse Recovery Rise Time
tb
17


Similar Part No. - SI5499DC-T1-E3

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI549 SKYWORKS-SI549 Datasheet
1Mb / 37P
   Ultra Low Jitter I2C Programmable XO (95 fs), 0.2 to 1500 MHz
Revision 206617A May, 2023
More results

Similar Description - SI5499DC-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3499DV VISHAY-SI3499DV Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI3499DV VISHAY-SI3499DV_08 Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI8435DB VISHAY-SI8435DB Datasheet
120Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. D, 08-Sep-08
SI3499DV VISHAY-SI3499DV_V01 Datasheet
235Kb / 10P
   P-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
SI3495DV VISHAY-SI3495DV_08 Datasheet
98Kb / 6P
   P-Channel 20-V (D-S), 1.5-V (G-S) MOSFET
Rev. B, 02-Jul-07
SI1032R VISHAY-SI1032R_08 Datasheet
121Kb / 5P
   N-Channel 1.5-V (G-S) MOSFET
Rev. E, 07-Jul-08
SI8404DB VISHAY-SI8404DB Datasheet
260Kb / 8P
   N-Channel 1.5-V (G-S) MOSFET
Rev. C, 08-Sep-08
SI1032R VISHAY-SI1032R_10 Datasheet
199Kb / 9P
   N-Channel 1.5 V (G-S) MOSFET
Rev. F, 08-Nov-10
SI1032R VISHAY-SI1032R_V01 Datasheet
135Kb / 7P
   N-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
SI5920DC VISHAY-SI5920DC Datasheet
111Kb / 7P
   Dual N-Channel 1.5-V (G-S) MOSFET
Rev. C, 07-May-07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com