Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300144ZTR1TCR0.2QAB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 300144ZTR1TCR0.2QAB
Description  Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300144ZTR1TCR0.2QAB Datasheet(HTML) 2 Page - Vishay Siliconix

  300144ZTR1TCR0.2QAB Datasheet HTML 1Page - Vishay Siliconix 300144ZTR1TCR0.2QAB Datasheet HTML 2Page - Vishay Siliconix 300144ZTR1TCR0.2QAB Datasheet HTML 3Page - Vishay Siliconix 300144ZTR1TCR0.2QAB Datasheet HTML 4Page - Vishay Siliconix 300144ZTR1TCR0.2QAB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
300144Z, 300145Z (Z-Foil)
Vishay Foil ResistorsUltra High Precision Z-Foil Voltage Divider Resistors with TCR
Tracking to 0.1 ppm/°C, Power Coefficient Tracking of 5 ppm
at Rated Power, and Tolerance Match to 0.005 % (50 ppm)
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63115
2
Revision: 21-Nov-07
Note: Power is proportional to the divider ratio
Example: In a 300144Z (1K/10K dual), the power rating would be
18 mW on the 1K and 182 mW on the 10K, for a total of 200 mW on
R1 + R2.
FIGURE 1 - TRIMMING TO VALUES (conceptual illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 2 - STANDARD PRINTING AND DIMENSIONS in inches (millimeters)
Model 300144Z and Schematic2)
Model 300145Z and Schematic2)
23
R2
1
R1
123
VISHAY
9825
0.295
(7.49)
0.320
(8.13)
Date Code
Model No.
0.75
1)
(19.05)
0.1 (2.54)
300144Z
0.015 ± 0.005
(0.38 ± 0.13)
0.025 ± 0.005
(0.64 ± 0.13)
1
Low
Resistance
Value Indicator
0.1
(2.54)
Match
Tolerance
123
0.75
1)
(19.05)
0.1 (2.54)
0.015 ± 0.005
(0.38 ± 0.13)
0.025 ± 0.005
(0.64 ± 0.13)
23
R2
1
R1
54
R1
6
R2
0.375
(9.53)
0.375
(9.53)
0.2
(5.08)
654
Match
Tolerance
Date Code
Model No.
VISHAY
9825
300145Z
Tolerance: ± 0.010" (0.25)
1. Lead wires: #22 AWG solder coated copper,
0.75" minimum length
2. Each resistor contains 1 chip of two resistive
elements
FIGURE 3 - POWER DERATING CURVE
300144Z, 300145Z
200 %
175 %
150 %
125 %
100 %
75 %
50 %
25 %
0
- 75
- 50
- 25
0
+ 25
+ 50
+ 75
+ 100 + 125 + 150 + 175 + 200
Ambient Temperature (
°C)
- 55 °C
+ 70 °C
Double Rated Power
Rated Power
Safe operation
for < 150 ppm
R after 2000
hours load-life.
(
)
(
)
R1
R2
P1 =
P
P2 =
P
R1 + R2
R1 + R2
FIGURE 4 - TYPICAL TCR CURVE Z-FOIL
(for more details see table 1)
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
Ambient Temperature (°C)
ΔR
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400


Similar Part No. - 300144ZTR1TCR0.2QAB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300144 VISHAY-300144 Datasheet
110Kb / 2P
   Bulk Metal Foil Technology Small Package, Ultimate Tracking Voltage Dividers
Revision 19-Jul-02
300144 VISHAY-300144 Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
300144TR1TCR2AAB VISHAY-300144TR1TCR2AAB Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
300144TR1TCR2ABB VISHAY-300144TR1TCR2ABB Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
300144TR1TCR2ADB VISHAY-300144TR1TCR2ADB Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
More results

Similar Description - 300144ZTR1TCR0.2QAB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFB1012D VISHAY-VFB1012D Datasheet
137Kb / 5P
   Ultra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/°C TCR Tracking,
Revision: 18-Apr-07
Y4485V0001AT9R VISHAY-Y4485V0001AT9R Datasheet
420Kb / 5P
   Ultra High Precision Bulk Metal Z-Foil Surface Mount Voltage Divider
Revision: 25-Mar-10
DSMZ VISHAY-DSMZ Datasheet
161Kb / 5P
   Ultra High Precision Bulk Metal® Z-Foil Surface Mount Voltage Divider
Revision: 06-Aug-07
VPR220SZ VISHAY-VPR220SZ Datasheet
102Kb / 4P
   Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 06-Aug-07
300190Z VISHAY-300190Z Datasheet
148Kb / 6P
   Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
Revision: 08-Aug-06
VFCD1505 VISHAY-VFCD1505 Datasheet
109Kb / 4P
   Z-Foil Surface Mount Flip Chip Voltage Divider TCR Tracking of 0.1 ppm/째C,
Revision: 30-Oct-08
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
logo
Token Electronics Indus...
RE500.5W10RBC6P TOKEN-RE500.5W10RBC6P Datasheet
325Kb / 3P
   RE High Precision Low TCR Resistors
logo
Vishay Siliconix
SMR1DZ VISHAY-SMR1DZ Datasheet
139Kb / 5P
   Ultra High Precision Z-Foil Molded Surface Mount Resistor
Revision: 30-Jul-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com