Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRA06P0403000GRT1E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRA06P0403000GRT1E3
Description  Thick Film Resistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRA06P0403000GRT1E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  CRA06P0403000GRT1E3 Datasheet HTML 1Page - Vishay Siliconix CRA06P0403000GRT1E3 Datasheet HTML 2Page - Vishay Siliconix CRA06P0403000GRT1E3 Datasheet HTML 3Page - Vishay Siliconix CRA06P0403000GRT1E3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Thick Film Resistor Array
www.vishay.com
For technical questions, contact: filmresistors.thickfilmchip@vishay.com
Document Number: 31047
256
Revision: 13-Oct-08
CRA06P
Vishay
CRA06P Thick Film resistor array is constructed on a high
grade ceramic body with concave terminations. A small
package enables the design of high density circuits. The
single component reduces board space, component counts
and assembly costs.
FEATURES
Concave terminal array with square corners
• 4 and 8 terminal package with isolated resistors
• Wide ohmic range: 10R to 1M0
• Lead (Pb)-free solder contacts on Ni barrier layer
• Pure tin plating provides compatibility with lead (Pb)-free
and lead containing soldering processes
• Compatible with "Restriction of the use of Hazardous
Substances" (RoHS) directive 2002/95/EC (issue 2004)
Notes
(1) Rated voltage:
(2) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded.
Notes
(3) Preferred way for ordering products is by use of the PART NUMBER
(4) Please refer to the table PACKAGING, see next page
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
CIRCUIT
POWER RATING
P70 °C
W
LIMITING ELEMENT
VOLTAGE MAX.
V
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
%
RESISTANCE
RANGE
Ω
E-SERIES
CRA06P
03
0.063
50
± 100
± 1
10R - 1M0
24 + 96
± 200
± 2; ± 5
24
Zero-Ohm-Resistor:
Rmax. = 50 mΩ, Imax. = 1 A
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CRA06P
03 CIRCUIT
Rated Dissipation at 70 °C (2)
W per element
0.063
Limiting Element Voltage (1)
V
50
Insulation Voltage (1 min)
Vdc/ac peak
100
Category Temperature Range
°C
- 55 to + 155
Insulation Resistance
Ω
> 109
PART NUMBER AND PRODUCT DESPRIPTION
PART NUMBER: CRA06P08347K0JTA (3)
MODEL
TERMINAL STYLE
PIN
CIRCUIT
VALUE
TOLERANCE
PACKAGING (4)
SPECIAL
CRA06
P
04
08
3 = 03
R = Decimal
K = Thousand
M = Million
0000 = 0
Ω Jumper
F = ± 1 %
G = ± 2 %
J = ± 5 %
Z = 0
Ω Jumper
TA
TC
Up to 2 digits
PRODUCT DESCRIPTION: CRA06P 08 03 473 J RT1 e3
CRA06P
08
03
473
J
RT1
e3
MODEL
TERMINAL COUNT
CIRCUIT TYPE
RESISTANCE VALUE
TOLERANCE
PACKAGING (4)
LEAD (Pb)-FREE
CRA06P
04
08
03
473 = 47 k
Ω
4702 = 47 k
Ω
10R0 = 10
Ω
100 = 10
Ω
000 = 0
Ω Jumper
F = ± 1 %
G = ± 2 %
J = ± 5 %
Z = 0
Ω Jumper
RT1
RT6
e3 = Pure tin
Termination finish
First two digits (3 for 1 %)
are significant. Last digit
is the multiplier.
PR
×
A0
6
P
8
3
4
0
CR
JA
K
0T
7


Similar Part No. - CRA06P0403000GRT1E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA06P0430000FTA VISHAY-CRA06P0430000FTA Datasheet
96Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
CRA06P0430000FTC VISHAY-CRA06P0430000FTC Datasheet
96Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
CRA06P0430000GTA VISHAY-CRA06P0430000GTA Datasheet
96Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
CRA06P0430000GTC VISHAY-CRA06P0430000GTC Datasheet
96Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
CRA06P0430000JTA VISHAY-CRA06P0430000JTA Datasheet
96Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
More results

Similar Description - CRA06P0403000GRT1E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA12E VISHAY-CRA12E Datasheet
173Kb / 5P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S_08 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P Datasheet
196Kb / 4P
   Thick Film Resistor Array
Revision 25-Jul-05
CRA08C VISHAY-CRA08C Datasheet
45Kb / 2P
   Thick Film, Resistor Array
Revision 13-Feb-02
CRA06S08310K0JTA VISHAY-CRA06S08310K0JTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
CRA06E VISHAY-CRA06E Datasheet
289Kb / 2P
   Thick Film, Resistor Array
Revision 22-Jan-03
CRA04S VISHAY-CRA04S_17 Datasheet
120Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com