Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRA04S04034702ZRT7E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CRA04S04034702ZRT7E3
Description  Thick Film Resistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRA04S04034702ZRT7E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  CRA04S04034702ZRT7E3 Datasheet HTML 1Page - Vishay Siliconix CRA04S04034702ZRT7E3 Datasheet HTML 2Page - Vishay Siliconix CRA04S04034702ZRT7E3 Datasheet HTML 3Page - Vishay Siliconix CRA04S04034702ZRT7E3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number: 31043
For technical questions, contact: filmresistors.thickfilmchip@vishay.com
www.vishay.com
Revision: 13-Oct-08
249
CRA04S
Thick Film Resistor Array
Vishay
CIRCUIT
DIMENSIONS
The dimensions shown are for a 8 pin part. For parts with
different pin numbers use the same pitch and add or
substract pads as required.
PACKAGING
MODEL
TAPE WIDTH
DIAMETER
PITCH
PIECES/REEL
PACKAGING CODE
PAPER TAPE
PART NUMBER
PRODUCT DESCRIPTION
CRA04S
8 mm
180 mm/7"
2 mm
10 000
TD
RT7
330 mm/13"
2 mm
20 000
TC
RT6
330 mm/13"
2 mm
50 000
PZ
PZ
03 CIRCUIT
4 pin
8 pin
- 55
- 25
0
25
50
75
100
125
155 175
120
100
80
60
40
20
0
70
Derating
Ambient Temperature in °C
ae
e
PIN
NO#
DIMENSIONS [in millimeters]
LA
A1
BB*
PNOM
TW
4
1.0
± 0.1
-
0.33
0.15
0.25
0.65
0.35
1.0
8
2.0
± 0.2
0.30
0.4
0.15
0.25
0.50
0.45
1.0
TOL.
-
± 0.15 ± 0.15 ± 0.10
± 0.1
-
± 0.1
± 0.15
SOLDER PAD DIMENSIONS [in millimeters]
c
w
dabe
WAVE
0.45
1.45
0.2
0.4
0.5
0.3


Similar Part No. - CRA04S04034702ZRT7E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA04S0403473G VISHAY-CRA04S0403473G Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
CRA04S0403473GRT7 VISHAY-CRA04S0403473GRT7 Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
CRA04S0403473J VISHAY-CRA04S0403473J Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
CRA04S0403473JRT7 VISHAY-CRA04S0403473JRT7 Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
CRA04S0403473Z VISHAY-CRA04S0403473Z Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
More results

Similar Description - CRA04S04034702ZRT7E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA12E VISHAY-CRA12E Datasheet
173Kb / 5P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P Datasheet
196Kb / 4P
   Thick Film Resistor Array
Revision 25-Jul-05
CRA08C VISHAY-CRA08C Datasheet
45Kb / 2P
   Thick Film, Resistor Array
Revision 13-Feb-02
CRA06S08310K0JTA VISHAY-CRA06S08310K0JTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P_08 Datasheet
132Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
CRA06E VISHAY-CRA06E Datasheet
289Kb / 2P
   Thick Film, Resistor Array
Revision 22-Jan-03
CRA04S VISHAY-CRA04S_17 Datasheet
120Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com