Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5853DDC Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SI5853DDC
Description  P-Channel 20-V (D-S) MOSFET with Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5853DDC Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SI5853DDC Datasheet HTML 2Page - Vishay Siliconix SI5853DDC Datasheet HTML 3Page - Vishay Siliconix SI5853DDC Datasheet HTML 4Page - Vishay Siliconix SI5853DDC Datasheet HTML 5Page - Vishay Siliconix SI5853DDC Datasheet HTML 6Page - Vishay Siliconix SI5853DDC Datasheet HTML 7Page - Vishay Siliconix SI5853DDC Datasheet HTML 8Page - Vishay Siliconix SI5853DDC Datasheet HTML 9Page - Vishay Siliconix SI5853DDC Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
8
Document Number: 68979
S-82583-Rev. A, 27-Oct-08
Vishay Siliconix
Si5853DDC
New Product
SCHOTTKY TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Reverse Current vs. Junction Temperature
025
50
75
100
125
150
10
TJ - Junction Temperature (°C)
0.1
1
0.01
IR =20 V
0.001
IR =5 V
Forward Voltage Drop
0.0
0.1
0.2
0.3
0.4
0.5
0.6
TJ = 150 °C
VF - Forward Voltage Drop (V)
TJ = 25 °C
0.1
1
Capacitance
0
30
60
90
120
150
180
0
5
10
15
20
25
30
VKA - Reverse Voltage (V)


Similar Part No. - SI5853DDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5853DC VISHAY-SI5853DC Datasheet
122Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. B, 05-Aug-02
SI5853DC-T1 VISHAY-SI5853DC-T1 Datasheet
122Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. B, 05-Aug-02
SI5853DC-T1-E3 VISHAY-SI5853DC-T1-E3 Datasheet
180Kb / 9P
   P-Channel 1.8 V (G-S) MOSFET with Schottky Diode
Rev. D, 08-Mar-10
More results

Similar Description - SI5853DDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3853DV VISHAY-SI3853DV Datasheet
71Kb / 6P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. A, 04-Oct-99
SI4845DY VISHAY-SI4845DY Datasheet
134Kb / 9P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jun-05
SI3805DV VISHAY-SI3805DV Datasheet
129Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 22-Sep-08
SI4829DY VISHAY-SI4829DY Datasheet
110Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 12-Oct-09
SI5855CDC VISHAY-SI5855CDC Datasheet
132Kb / 9P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. A, 22-Sep-08
logo
Analog Power
AM3829P ANALOGPOWER-AM3829P Datasheet
287Kb / 5P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
logo
Vishay Siliconix
SIA811ADJ VISHAY-SIA811ADJ_V01 Datasheet
375Kb / 12P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBBD4290A VBSEMI-VBBD4290A_V01 Datasheet
928Kb / 11P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SI5857DU VISHAY-SI5857DU Datasheet
136Kb / 10P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. C, 23-Jun-08
SI4823DY VISHAY-SI4823DY Datasheet
287Kb / 12P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
Rev. C, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com