Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX384C43-V Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BZX384C43-V
Description  Small Signal Zener Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX384C43-V Datasheet(HTML) 2 Page - Vishay Siliconix

  BZX384C43-V Datasheet HTML 1Page - Vishay Siliconix BZX384C43-V Datasheet HTML 2Page - Vishay Siliconix BZX384C43-V Datasheet HTML 3Page - Vishay Siliconix BZX384C43-V Datasheet HTML 4Page - Vishay Siliconix BZX384C43-V Datasheet HTML 5Page - Vishay Siliconix BZX384C43-V Datasheet HTML 6Page - Vishay Siliconix BZX384C43-V Datasheet HTML 7Page - Vishay Siliconix BZX384C43-V Datasheet HTML 8Page - Vishay Siliconix BZX384C43-V Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number 85764
Rev. 1.6, 17-May-06
BZX384-V-Series
Vishay Semiconductors
Electrical Characteristics
(1) Measured with pulses t
p = 5 ms
Partnumber
Marking
Code
Zener Voltage
Range
Dynamic Resistance
Test
Current
Temperature
Coefficient of
Zener Voltage
Test
Current
Reverse Leakage
Current
VZ at IZT1
rzj at IZT1
rzj at IZT2
IZT1
α
VZ at IZT1
at IZT2
IR at VR
V
Ω
Ω
mA
10-4/°C
mA
µA
V
min
max
typ
typ
min
max
BZX384C2V4-V
W1
2.2
2.6
70 (
≤ 100)
275
5
- 9
- 4
1
50
1
BZX384C2V7-V
W2
2.5
2.9
75 (
≤ 100)
300 (
≤ 600)
5
- 9
- 4
1
20
1
BZX384C3V0-V
W3
2.8
3.2
80 (
≤ 95)
325 (
≤ 600)
5
- 9
- 3
1
10
1
BZX384C3V3-V
W4
3.1
3.5
85 (
≤ 95)
350 (
≤ 600)
5
- 8
- 3
1
5
1
BZX384C3V6-V
W5
3.4
3.8
85 (
≤ 90)
375 (
≤ 600)
5
- 8
- 3
1
5
1
BZX384C3V9-V
W6
3.7
4.1
85 (
≤ 90)
400 (
≤ 600)
5
- 7
- 3
1
3
1
BZX384C4V3-V
W7
4
4.6
80 (
≤ 90)
410 (
≤ 600)
5
- 6
- 1
1
3
1
BZX384C4V7-V
W8
4.4
5
50 (
≤ 80)
425 (
≤ 500)
5
- 5
2
1
3
2
BZX384C5V1-V
W9
4.8
5.4
40 (
≤ 60)
400 (
≤ 480)
5
- 3
4
1
2
2
BZX384C5V6-V
WA
5.2
6
15 (
≤ 40)
80 (
≤ 400)
5
- 2
6
1
1
2
BZX384C6V2-V
WB
5.8
6.6
6.0 (
≤ 10)
40 (
≤ 150)
5
- 1
7
1
3
4
BZX384C6V8-V
WC
6.4
7.2
6.0 (
≤ 15)
30 (
≤ 80)
5
2
7
1
2
4
BZX384C7V5-V
WD
7
7.9
6.0 (
≤ 15)
30 (
≤ 80)
5
3
7
1
1
5
BZX384C8V2-V
WE
7.7
8.7
6.0 (
≤ 15)
40 (
≤ 80)
5
4
7
1
0.7
5
BZX384C9V1-V
WF
8.5
9.6
6.0 (
≤ 15)
40 (
≤ 100)
5
5
8
1
0.5
6
BZX384C10-V
WG
9.4
10.6
8.0 (
≤ 20)
50 (
≤ 150)
5
5
8
1
0.2
7
BZX384C11-V
WH
10.4
11.6
10 (
≤ 20)
50 (
≤ 150)
5
5
9
1
0.1
8
BZX384C12-V
WI
11.4
12.7
10 (
≤ 25)
50 (
≤ 150)
5
6
9
1
0.1
8
BZX384C13-V
WK
12.4
14.1
10 (
≤ 30)
50 (
≤ 170)
5
7
9
1
0.1
8
BZX384C15-V
WL
13.8
15.6
10 (
≤ 30)
50 (
≤ 200)
5
7
9
1
0.05
0.7 VZnom.
BZX384C16-V
WM
15.3
17.1
10 (
≤ 40)
50 (
≤ 200)
5
8
9.5
1
0.05
0.7 VZnom.
BZX384C18-V
WN
16.8
19.1
10 (
≤ 45)
50 (
≤ 225)
5
8
9.5
1
0.05
0.7 VZnom.
BZX384C20-V
WO
18.8
21.2
15 (
≤ 55)
60 (
≤ 225)
5
8
10
1
0.05
0.7 VZnom.
BZX384C22-V
WP
20.8
23.3
20 (
≤ 55)
60 (
≤ 250)
5
8
10
1
0.05
0.7 VZnom.
BZX384C24-V
WR
22.8
25.6
25 (
≤ 70)
60 (
≤ 250)
5
8
10
1
0.05
0.7 VZnom.
BZX384C27-V
WS
25.1
28.9
25 (
≤ 80)
65 (
≤ 300)
2
8
10
0.5
0.05
0.7 VZnom.
BZX384C30-V
WT
28
32
30 (
≤ 80)
70 (
≤ 300)
2
8
10
0.5
0.05
0.7 VZnom.
BZX384C33-V
WU
31
35
35 (
≤ 80)
75 (
≤ 325)
2
8
10
0.5
0.05
0.7 VZnom.
BZX384C36-V
WW
34
38
35 (
≤ 90)
80 (
≤ 350)
2
8
10
0.5
0.05
0.7 VZnom.
BZX384C39-V
WX
37
41
40 (
≤ 130)
80 (
≤ 350)
2
10
12
0.5
0.05
0.7 VZnom.
BZX384C43-V
WY
40
46
45 (
≤ 150)
85 (
≤ 375)
2
10
12
0.5
0.05
0.7 VZnom.
BZX384C47-V
WZ
44
50
50 (
≤ 170)
85 (
≤ 375)
2
10
12
0.5
0.05
0.7 VZnom.
BZX384C51-V
X1
48
54
60 (
≤ 180)
85 (
≤ 400)
2
10
12
0.5
0.05
0.7 VZnom.
BZX384C56-V
X2
52
60
70 (
≤ 200)
100 (
≤ 425)
2
9
11
0.5
0.05
0.7 VZnom.
BZX384C62-V
X3
58
66
80 (
≤ 215)
100 (
≤ 450)
2
9
12
0.5
0.05
0.7 VZnom.
BZX384C68-V
X4
64
72
90 (
≤ 240)
150 (
≤ 475)
2
10
12
0.5
0.05
0.7 VZnom.
BZX384C75-V
X5
70
79
95 (
≤ 255)
170 (
≤ 500)
2
10
12
0.5
0.05
0.7 VZnom.


Similar Part No. - BZX384C43-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX384C43-V VISHAY-BZX384C43-V Datasheet
108Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 22-Nov-11
BZX384C43-V VISHAY-BZX384C43-V Datasheet
105Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 22-Nov-11
More results

Similar Description - BZX384C43-V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com