Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5908DC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI5908DC
Description  Dual N-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5908DC Datasheet(HTML) 1 Page - Vishay Siliconix

  SI5908DC Datasheet HTML 1Page - Vishay Siliconix SI5908DC Datasheet HTML 2Page - Vishay Siliconix SI5908DC Datasheet HTML 3Page - Vishay Siliconix SI5908DC Datasheet HTML 4Page - Vishay Siliconix SI5908DC Datasheet HTML 5Page - Vishay Siliconix SI5908DC Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
D TrenchFETr Power MOSFETS
D Ultra Low rDS(on) and Excellent Power
Handling In Compact Footprint
APPLICATIONS
D Load Switch
D PA Switch
D Battery Switch
Si5908DC
Vishay Siliconix
New Product
Document Number: 73074
S-41641—Rev. A, 06-Sep-04
www.vishay.com
1
Dual N-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)
ID (A)
0.040 @ VGS =4.5 V
5.9
20
0.045 @ VGS =2.5 V
5.6
0.052 @ VGS =1.8 V
5.2
Bottom View
D1
G1
S1
N-Channel MOSFET
1206-8 ChipFETr
S1
G1
S2
G2
D1
D1
D2
D2
1
Marking Code
CC
XXX
Lot Traceability
and Date Code
Part # Code
Ordering Information: Si5908DC-T1—E3
D2
G2
S2
N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
8
V
Continuous Drain Current (TJ = 150_C)a
TA =25_C
ID
5.9
4.4
Continuous Drain Current (TJ = 150_C)a
TA =85_C
ID
4.2
3.1
A
Pulsed Drain Current
IDM
20
A
Continuous Source Current (Diode Conduction)a
IS
1.8
0.9
Maximum Power Dissipationa
TA =25_C
PD
2.1
1.1
W
Maximum Power Dissipationa
TA =85_C
PD
1.1
0.6
W
Operating Junction and Storage Temperature Range
TJ,Tstg
--55 to 150
_C
Soldering Recommendations (Peak Temperature)b, c
260
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
M
i
J
ti
t A bi
ta
t
≤ 5sec
R
50
60
Maximum Junction-to-Ambienta
Steady State
RthJA
90
110
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
30
40
C/
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singulation
process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder intercon-
nection.
c.
Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.


Similar Part No. - SI5908DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5908DC VISHAY-SI5908DC Datasheet
198Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 23-Jan-06
SI5908DC VISHAY-SI5908DC Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI5908DC VISHAY-SI5908DC Datasheet
243Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI5908DC-T1-E3 VISHAY-SI5908DC-T1-E3 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI5908DC-T1-GE3 VISHAY-SI5908DC-T1-GE3 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
More results

Similar Description - SI5908DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com