Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACAC061222K1A22K1P5 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ACAC061222K1A22K1P5
Description  Precision Thin Film Chip Resistor Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACAC061222K1A22K1P5 Datasheet(HTML) 2 Page - Vishay Siliconix

  ACAC061222K1A22K1P5 Datasheet HTML 1Page - Vishay Siliconix ACAC061222K1A22K1P5 Datasheet HTML 2Page - Vishay Siliconix ACAC061222K1A22K1P5 Datasheet HTML 3Page - Vishay Siliconix ACAC061222K1A22K1P5 Datasheet HTML 4Page - Vishay Siliconix ACAC061222K1A22K1P5 Datasheet HTML 5Page - Vishay Siliconix ACAC061222K1A22K1P5 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 28751
For technical questions, contact: filmresistors.thinfilmarray@vishay.com
www.vishay.com
Revision: 11-Sep-08
277
ACAC 0612, ACAS 0612 - Precision
Precision Thin Film Chip Resistor Array
Vishay Beyschlag
Notes
(1) Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION
(2) R1 = R4 ≤ R2 = R3; please refer to APPLICATION INFORMATION, see below
(3) Different resistance values are available on request
(4) Please refer to table TEMPERATURE COEFFICIENT AND RESISTANCE RANGE, see below
(5) Please refer to table PACKAGING, see below
DIMENSIONS ACAC 0612 in millimeters
PART NUMBER AND PRODUCT DESCRIPTION (1)
PART NUMBER: ACASA1100A2200P500
MODEL
TERMINAL
SIZE
RESISTANCE
VALUE (2) (3)
ACCURACY
GRADE (4)
RESISTANCE
VALUE (2) (3)
PACKAGING (5)
SPECIAL
ACA
C = Concave
S = Convex
A = 0612
3 digit
resistance
value R1, R4
1 digit multiplier
MULTIPLIER
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
TCR, Tracking,
Tolerance and
Matching
A, B, E, F,
J, K, N or P
3 digit
resistance
value R2, R3
1 digit multiplier
MULTIPLIER
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
P1
P5
PW
00 = Standard
PRODUCT DESCRIPTION: ACAS 0612 110R A 220R P5
ACA
S
0612
110R
A
220R
P5
MODEL
TERMINATION
SIZE
RESISTANCE
VALUE R1, R4 (2) (3)
ACCURACY
GRADE (4)
RESISTANCE
VALUE R2, R3 (2) (3)
PACKAGING (5)
ACA = Chip
Array
C = Concave
S = Convex
0612
110R = 110
Ω
1K1 = 1.1 k
Ω
22K1 = 22.1 k
Ω
TCR, Tracking,
Tolerance and
Matching
A, B, E, F,
J, K, N or P
220R = 220
Ω
1K1 = 1.1 k
Ω
22K1 = 22.1 k
Ω
P1
P5
PW
PACKAGING
MODEL
TAPE WIDTH
DIAMETER
PIECES
PITCH
PACKAGING CODE
PAPER TAPE
ACAC 0612
ACAS 0612
8 mm
180 mm/7"
1000
4 mm
P1
8 mm
180 mm/7"
5000
4 mm
P5
8 mm
330 mm/13"
10 000
4 mm
PW
DIMENSIONS - chip resistor array, mass and relevant physical dimensions
TYPE
L
(mm)
W
(mm)
H
(mm)
P
(mm)
WT
(mm)
T1
(mm)
T2
(mm)
d
(mm)
l1
(mm)
l2
(mm)
MASS
(mg)
ACAC 0612
1.6 ± 0.15 3.2 ± 0.15 0.55 ± 0.1 0.8 ± 0.1 0.5 ± 0.15 0.3 ± 0.15 0.4 ± 0.15 0.3 ± 0.1
min. 0.15 min. 0.25
9.53
I1
T1
WT
I2
T2
WT
Top view
Bottom view
S
A
11
00
A
2
0
C
A
A
20
50
P0


Similar Part No. - ACAC061222K1A22K1P5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAC061222K111K1P1 VISHAY-ACAC061222K111K1P1 Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC061222K111K1P5 VISHAY-ACAC061222K111K1P5 Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC061222K111K1PW VISHAY-ACAC061222K111K1PW Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC061222K11220RP1 VISHAY-ACAC061222K11220RP1 Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC061222K11220RP5 VISHAY-ACAC061222K11220RP5 Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
More results

Similar Description - ACAC061222K1A22K1P5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
   Precision Thin Film Chip Resistor
logo
Vishay Siliconix
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACAC0612 VISHAY-ACAC0612_1 Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com